Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6911 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDS6911
Descripción Electrónicos  Dual N-Channel Logic Level PowerTrench짰 MOSFET 20V, 7.5A, 13m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6911 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS6911 Datasheet HTML 1Page - Fairchild Semiconductor FDS6911 Datasheet HTML 2Page - Fairchild Semiconductor FDS6911 Datasheet HTML 3Page - Fairchild Semiconductor FDS6911 Datasheet HTML 4Page - Fairchild Semiconductor FDS6911 Datasheet HTML 5Page - Fairchild Semiconductor FDS6911 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS6911 Rev A(W)
www.fairchildsemi.com
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.3 A
(Note 2)
1.2
V
trr
Diode Reverse Recovery Time
24
nS
Qrr
Diode Reverse Recovery Charge
IF = 7.5 A,
diF/dt = 100 A/µs
13
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 78°C/W when
mounted on a
0.5 in
2 pad of 2 oz
copper
b) 125°C/W when
mounted on a .02 in
2
pad of 2 oz copper
c) 135°C/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
μs, Duty Cycle < 2.0%


Número de pieza similar - FDS6911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FDS6911 ETC2-FDS6911 Datasheet
116Kb / 6P
   Fast switching speed, Low gate charge
logo
Fairchild Semiconductor
FDS6911 FAIRCHILD-FDS6911_11 Datasheet
200Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET 20V, 7.5A, 13m廓
More results

Descripción similar - FDS6911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6911 FAIRCHILD-FDS6911_11 Datasheet
200Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET 20V, 7.5A, 13m廓
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
FDS6930B FAIRCHILD-FDS6930B_10 Datasheet
199Kb / 5P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
FDS8949 FAIRCHILD-FDS8949_10 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com