Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13180 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC13180
Descripción Electrónicos  2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13180 Datasheet(HTML) 1 Page - Motorola, Inc

  MC13180 Datasheet HTML 1Page - Motorola, Inc MC13180 Datasheet HTML 2Page - Motorola, Inc MC13180 Datasheet HTML 3Page - Motorola, Inc MC13180 Datasheet HTML 4Page - Motorola, Inc MC13180 Datasheet HTML 5Page - Motorola, Inc MC13180 Datasheet HTML 6Page - Motorola, Inc MC13180 Datasheet HTML 7Page - Motorola, Inc MC13180 Datasheet HTML 8Page - Motorola, Inc MC13180 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
MC13180
Ordering Information
Device
Marking
Package
PC13180FC
PC13180FC
QFN-48
Package Information
Plastic Package
Case 1314
(QFN-48)
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice. © Motorola, Inc., 2002. All rights reserved.
The MC13180 2.4 GHz Low Power Wireless Transceiver for Bluetooth™ is a part of the
comprehensive Bluetooth platform from Motorola that provides a complete, low-power
Bluetooth Radio System for Bluetooth Class 1 or 2 power systems. The design is based on
Motorola's third-generation Bluetooth architecture that has set the industry standard for
interoperability, complete functionality, and compliance with the Bluetooth specification.
When combined with a specified Motorola baseband controller such as the MC71000 or
MC9328MX1, a complete Bluetooth solution can be realized.
The MC13180 provides a unique combination of sensitivity, excellent C/I performance, and
low power consumption. These performance parameters are extremely important to
maintaining a robust link in high RF interference environments such as mobile phones, high
density Bluetooth networks, 802.11b networks, microwave ovens, etc.
Power Supply Range: 2.5 to 3.1 V
Low Current Drain in Transmit (27 mA Peak) or Receive (37 mA Peak) Mode
Minimum External Components
Low IF Receiver with On-Chip Filters
Fully Integrated Demodulator with A/D
Direct Launch Transmitter
•Multi-Accumulator, Dual-Port, Fractional-N Synthesizer
RSSI with A/D
Bluetooth Class I Compatible
Crystal Independent (12 to 15 MHz) Reference Oscillator or 12 to 26 MHz if supplied
externally
Product Preview
MC13180PP/D
Rev. 2, 08/2002
2.4 GHz Low Power
Wireless Transceiver IC
for Bluetooth™
Applications


Número de pieza similar - MC13180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
MC13181R2 MOTOROLA-MC13181R2 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
More results

Descripción similar - MC13180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
NXH3670UK NXP-NXH3670UK Datasheet
366Kb / 45P
   Ultra-low power 2.4 GHz Bluetooth Low Energy transceiver for audio streaming
Rev. 3.2-13 December 2019
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
logo
Infineon Technologies A...
PMB6625 INFINEON-PMB6625 Datasheet
33Kb / 1P
   Transceiver for Bluetooth FH-SS 2.4 GHz Systems
01.01
logo
Pulse A Technitrol Comp...
W1027 PULSE-W1027 Datasheet
213Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038M PULSE-W1038M Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
W1030 PULSE-W1030 Datasheet
1Mb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com