Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STU3055L2-60 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

No. de pieza STU3055L2-60
Descripción Electrónicos  N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU3055L2-60 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STU3055L2-60 Datasheet HTML 1Page - SamHop Microelectronics Corp. STU3055L2-60 Datasheet HTML 2Page - SamHop Microelectronics Corp. STU3055L2-60 Datasheet HTML 3Page - SamHop Microelectronics Corp. STU3055L2-60 Datasheet HTML 4Page - SamHop Microelectronics Corp. STU3055L2-60 Datasheet HTML 5Page - SamHop Microelectronics Corp. STU3055L2-60 Datasheet HTML 6Page - SamHop Microelectronics Corp. STU3055L2-60 Datasheet HTML 7Page - SamHop Microelectronics Corp. STU3055L2-60 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
F igure 5. G ate T hres hold V ariation
with T emperature
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 7. T rans conductance V ariation
with Drain C urrent
IDS , Drain-S ource C urrent (A)
F igure 9. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 10. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
20
16
12
8
24
0
0
5
10
15
20
25
4
V DS =10V
20
10
0
1
0.4
0.6
0.8
1.0
1.2
1.4
8
10
6
4
2
0
0
2
4
6
8
10 12 14 16
VDS=10V
ID=6A
T J=25 C
40
10
1 1
0.1
0.03
0.1
1
10 20
50
10m
s
100
ms
1s
DC
VGS=4.5V
S ingle P ulse
Tc=25 C
4
-50 -25
0
25
50
75 100 125
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-50 -25
0
25
50
75 100 125
V DS =V GS
ID=250uA
S T U/D3055L2-60
R D
S (O
N) L
imit


Número de pieza similar - STU3055L2-60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STU3055L2 SAMHOP-STU3055L2 Datasheet
722Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Descripción similar - STU3055L2-60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com