Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7794 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7794
Descripción Electrónicos  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7794 Datasheet HTML 2Page - Analog Devices AD7794 Datasheet HTML 3Page - Analog Devices AD7794 Datasheet HTML 4Page - Analog Devices AD7794 Datasheet HTML 5Page - Analog Devices AD7794 Datasheet HTML 6Page - Analog Devices AD7794 Datasheet HTML 7Page - Analog Devices AD7794 Datasheet HTML 8Page - Analog Devices AD7794 Datasheet HTML 9Page - Analog Devices AD7794 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD7794
Preliminary Technical Data
REV.PrE 6/04 | Page 6
Parameter
AD7794B
Unit
Test Conditions/Comments
Internal Reference Noise
2
µV RMS
Gain = 1, Update Rate = 16.6 Hz. Includes ADC
Noise.
External REFIN Voltage
2.5
V nom
REFIN = REFIN(+) – REFIN(–)
Reference Voltage Range2
0.1
V min
V DD
V max
Absolute REFIN Voltage Limits2
GND – 30 mV
V min
AVDD + 30 mV
V max
Average Reference Input Current
400
nA/V typ
Average Reference Input Current Drift
±0.03
nA/V/°C typ
Normal Mode Rejection2
Same as for Analog
Inputs
Common Mode Rejection
Same as for Analog
Inputs
Reference Detect Levels
0.3
V min
NOXREF Bit Inactive if VREF < 0.3 V
0.65
V max
NOXREF Bit Active if VREF > 0.65 V


Número de pieza similar - AD7794

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7794 AD-AD7794 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7794BRU AD-AD7794BRU Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRU-REEL AD-AD7794BRU-REEL Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ-REEL1 AD-AD7794BRUZ-REEL1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ1 AD-AD7794BRUZ1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
More results

Descripción similar - AD7794

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
AD7798 AD-AD7798 Datasheet
499Kb / 17P
   Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
Rev. B
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com