Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDEP134CNP-3R6MB-100 Datasheet(PDF) 3 Page - Sumida Corporation |
|
CDEP134CNP-3R6MB-100 Datasheet(HTML) 3 Page - Sumida Corporation |
3 / 6 page ELECTRICAL CHARACTERISTICS-HIGH POWER TYPE (IN THE CASE OF REEL) THE SATURATION CURRENT(A)※3 NO. PART NO. STAMP INDUCTANCE [WITHIN] ※1 D.C.R. (mΩ) [MAX.]※2 (at 20℃) (at 20℃) (at100℃) TEMPERATURE RISE (A) ※4 △T=40℃ SUMIDA CODE 17 CDEP134CNP-ØR3NC-75 0R3NH 0.3μH±30% 1.9(1.6) 35.0 32.0 18.5 -0017 18 CDEP134CNP-ØR6NC-75 0R6NH 0.66μH±30% 2.5(2.1) 29.6 24.0 17.0 -0018 19 CDEP134CNP-1R2MC-75 1R2MH 1.2μH±20% 3.7(3.1) 21.0 17.6 15.0 -0019 20 CDEP134CNP-1R8MC-75 1R8MH 1.8μH±20% 6.6(5.5) 17.6 14.4 10.5 -0020 21 CDEP134CNP-2R7MC-75 2R7MH 2.7μH±20% 10.8(9.0) 14.7 12.0 8.0 -0021 22 CDEP134CNP-3R6MC-75 3R6MH 3.6μH±20% 12.0(10.0) 12.5 10.2 7.5 -0022 23 CDEP134CNP-4R8MC-75 4R8MH 4.8μH±20% 16.3(13.6) 11.0 9.0 7.0 -0023 24 CDEP134CNP-6RØMC-75 6R0MH 6.0μH±20% 18.4(15.3) 9.6 8.0 6.5 -0024 ELECTRICAL CHARACTERISTICS-HIGH POWER TYPE (IN THE CASE OF BOX) THE SATURATION CURRENT(A)※3 NO. PART NO. STAMP INDUCTANCE [WITHIN] ※1 D.C.R. (mΩ) [MAX.]※2 (at 20℃) (at 20℃) (at100℃) TEMPERATURE RISE (A) ※4 △T=40℃ SUMIDA CODE 25 CDEP134CNP-ØR3NB-75 0R3NH 0.3μH±30% 1.9(1.6) 35.0 32.0 18.5 -0025 26 CDEP134CNP-ØR6NB-75 0R6NH 0.66μH±30% 2.5(2.1) 29.6 24.0 17.0 -0026 27 CDEP134CNP-1R2MB-75 1R2MH 1.2μH±20% 3.7(3.1) 21.0 17.6 15.0 -0027 28 CDEP134CNP-1R8MB-75 1R8MH 1.8μH±20% 6.6(5.5) 17.6 14.4 10.5 -0028 29 CDEP134CNP-2R7MB-75 2R7MH 2.7μH±20% 10.8(9.0) 14.7 12.0 8.0 -0029 30 CDEP134CNP-3R6MB-75 3R6MH 3.6μH±20% 12.0(10.0) 12.5 10.2 7.5 -0030 31 CDEP134CNP-4R8MB-75 4R8MH 4.8μH±20% 16.3(13.6) 11.0 9.0 7.0 -0031 32 CDEP134CNP-6RØMB-75 6R0MH 6.0μH±20% 18.4(15.3) 9.6 8.0 6.5 -0032 ※1 MEASURING FREQUENCY INDUCTANCE at 100kHz, 1V ※2 ( )TYPICAL VALUE. ※3 THE SATURATION CURRENT: THIS INDICATES THE VALUE OF D.C. CURRENT WHEN THE INDUCTANCE CREASES DECREASES TO 65% (WHILE THE TOLERANCE IS ±30%) OR 75% (WHILE THE TOLERANCE IS ±20%) OF IT'S NOMINAL ※4 THE TEMPERATURE RISE: THE VALUE OF D.C.CURRENT WHEN THE TEMPERATURE RISE IS △t=40℃(Ta=20℃). 3.STORAGE TEMPERATURE RANGE : −40℃ ∼+125℃ OPERATING TEMPERATURE RANGE: −40℃ ∼+125℃ (INCLUDING SELF TEMPERATURE RISE) |
Número de pieza similar - CDEP134CNP-3R6MB-100 |