Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD75NP-331KB Datasheet(PDF) 5 Page - Sumida Corporation |
|
CD75NP-331KB Datasheet(HTML) 5 Page - Sumida Corporation |
5 / 6 page SPECIFICATION TYPE CD75 2-2.ELECTRICAL CHARACTERISTICS Ⅰ (IN THE CASE OF REEL) NO. PART NO. STAMP INDUCTANCE [WITHIN] ※1 D.C.R. (Ω) [MAX.] (at 20℃) RATED CURRENT (A) ※2 S.R.F. (MHz) [TYP.] SUMIDA CODE 01 02 03 CD75NP-1ØØKC CD75NP-12ØKC CD75NP-15ØKC 100K 120K 150K 10μH±10% 12μH±10% 15μH±10% 0.07 0.08 0.09 2.3 2.0 1.8 28 23 22 4720-0205 4720-0206 4720-0207 04 05 06 CD75NP-18ØKC CD75NP-22ØKC CD75NP-27ØKC 180K 220K 270K 18μH±10% 22μH±10% 27μH±10% 0.10 0.11 0.12 1.6 1.5 1.3 20 17 15 4720-0208 4720-0209 4720-0210 07 08 09 CD75NP-33ØKC CD75NP-39ØKC CD75NP-47ØKC 330K 390K 470K 33μH±10% 39μH±10% 47μH±10% 0.13 0.16 0.18 1.2 1.1 1.1 15 14 13 4720-0211 4720-0212 4720-0214 10 11 12 CD75NP-56ØKC CD75NP-68ØKC CD75NP-82ØKC 560K 680K 820K 56μH±10% 68μH±10% 82μH±10% 0.24 0.28 0.37 0.94 0.85 0.78 11 11 10 4720-0215 4720-0216 4720-0217 13 14 15 CD75NP-1Ø1KC CD75NP-121KC CD75NP-151KC 101K 121K 151K 100μH±10% 120μH±10% 150μH±10% 0.43 0.47 0.64 0.72 0.66 0.58 9.2 7.7 6.1 4720-0218 4720-0219 4720-0220 16 17 18 CD75NP-181KC CD75NP-221KC CD75NP-271KC 181K 221K 271K 180μH±10% 220μH±10% 270μH±10% 0.71 0.96 1.11 0.51 0.49 0.42 5.8 5.2 4.8 4720-0221 4720-0222 4720-0223 19 20 21 CD75NP-331KC CD75NP-391KC CD75NP-471KC 331K 391K 471K 330μH±10% 390μH±10% 470μH±10% 1.26 1.77 1.96 0.40 0.36 0.34 4.3 4.3 3.8 4720-0225 4720-0226 4720-0227 ※1:MEASURED FREQUENCY L 10μH ∼ 82μH ; at 2.52 MHz 100μH ∼470μH ; at 1 kHz ※2:THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃) |
Número de pieza similar - CD75NP-331KB |
|
Descripción similar - CD75NP-331KB |