Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD104NP-561KB Datasheet(PDF) 5 Page - Sumida Corporation |
|
CD104NP-561KB Datasheet(HTML) 5 Page - Sumida Corporation |
5 / 6 page SPECIFICATION TYPE CD104 2-2.ELECTRICAL CHARACTERISTICS Ⅰ (IN THE CASE OF REEL) NO. PART NO. STAMP INDUCTANCE [WITHIN] ※1 D.C.R. (mΩ)[MAX.] (at 20℃) ※2 (TYPICAL VALUE) RATED CURRENT (A) ※3 S.R.F. (MHz) [TYP.] SUMIDA CODE 01 CD1Ø4NP-1ØØMC 100M 10μH±20% 53(40.8) 2.38 29.9 -0056 02 CD1Ø4NP-12ØMC 120M 12μH±20% 61(46.4) 2.13 29.7 -0057 03 CD1Ø4NP-15ØMC 150M 15μH±20% 70(53.9) 1.87 25.1 -0058 04 CD1Ø4NP-18ØMC 180M 18μH±20% 81(62.2) 1.73 23.0 -0059 05 CD1Ø4NP-22ØMC 220M 22μH±20% 88(67.4) 1.60 20.0 -0060 06 CD1Ø4NP-27ØMC 270M 27μH±20% 100(77.2) 1.44 18.5 -0061 07 CD1Ø4NP-33ØMC 330M 33μH±20% 120(92.0) 1.26 16.9 -0062 08 CD1Ø4NP-39ØMC 390M 39μH±20% 151(116.1) 1.20 14.9 -0063 09 CD1Ø4NP-47ØMC 470M 47μH±20% 170(130.6) 1.10 13.8 -0064 10 CD1Ø4NP-56ØKC 560K 56μH±10% 199(152.7) 1.01 12.6 -0065 11 CD1Ø4NP-68ØKC 680K 68μH±10% 223(171.6) 0.91 10.4 -0067 12 CD1Ø4NP-82ØKC 820K 82μH±10% 252(194.1) 0.85 10.0 -0068 13 CD1Ø4NP-1Ø1KC 101K 100μH±10% 344(264.9) 0.74 9.42 -0069 14 CD1Ø4NP-121KC 121K 120μH±10% 396(304.7) 0.69 8.74 -0070 15 CD1Ø4NP-151KC 151K 150μH±10% 544(418.1) 0.61 7.29 -0071 16 CD1Ø4NP-181KC 181K 180μH±10% 621(477.7) 0.56 6.53 -0072 17 CD1Ø4NP-221KC 221K 220μH±10% 721(554.5) 0.53 5.85 -0073 18 CD1Ø4NP-271KC 271K 270μH±10% 949(730.3) 0.45 5.51 -0074 19 CD1Ø4NP-331KC 331K 330μH±10% 1100(845.8) 0.42 4.91 -0075 20 CD1Ø4NP-391KC 391K 390μH±10% 1245(957.5) 0.38 4.32 -0076 21 CD1Ø4NP-471KC 471K 470μH±10% 1526(1220.6) 0.35 4.06 -0078 22 CD1Ø4NP-561KC 561K 560μH±10% 1904(1522.9) 0.32 3.55 -0079 |
Número de pieza similar - CD104NP-561KB |
|
Descripción similar - CD104NP-561KB |