Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDPH64NP-181NC Datasheet(PDF) 6 Page - Sumida Corporation

No. de pieza CDPH64NP-181NC
Descripción Electrónicos  CDPH64
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMIDA [Sumida Corporation]
Página de inicio  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH64NP-181NC Datasheet(HTML) 6 Page - Sumida Corporation

  CDPH64NP-181NC Datasheet HTML 1Page - Sumida Corporation CDPH64NP-181NC Datasheet HTML 2Page - Sumida Corporation CDPH64NP-181NC Datasheet HTML 3Page - Sumida Corporation CDPH64NP-181NC Datasheet HTML 4Page - Sumida Corporation CDPH64NP-181NC Datasheet HTML 5Page - Sumida Corporation CDPH64NP-181NC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION
TYPE
CDPH64
2-3.ELECTRICAL CHARACTERISTICS Ⅱ (IN THE CASE OF BOX)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R
(Ω)[MAX.]
(at 20℃)
(TYPICAL VALUE)
RATED
CURRENT
(A)
※2
SUMIDA
CODE
21
22
CDPH64NP-1ØØNB
CDPH64NP-12ØNB
100
120
+ 25
10μH − 20 %
+ 25
12μH − 20 %
0.12(89m)
0.13(98m)
1.32
1.16
4740-0025
4740-0027
23
24
CDPH64NP-15ØNB
CDPH64NP-18ØNB
150
180
+ 25
15μH − 20 %
+ 25
18μH − 20 %
0.14(0.11)
0.15(0.12)
1.09
1.00
4740-0028
4740-0029
25
26
CDPH64NP-22ØNB
CDPH64NP-27ØNB
220
270
+ 25
22μH − 20 %
+ 25
27μH − 20 %
0.18(0.14)
0.24(0.18)
0.92
0.82
4740-0030
4740-0031
27
28
CDPH64NP-33ØNB
CDPH64NP-39ØNB
330
390
+ 25
33μH − 20 %
+ 25
39μH − 20 %
0.27(0.21)
0.31(0.24)
0.73
0.67
4740-0032
4740-0033
29
30
CDPH64NP-47ØNB
CDPH64NP-56ØNB
470
560
+ 25
47μH − 20 %
+ 25
56μH − 20 %
0.38(0.29)
0.44(0.34)
0.61
0.58
4740-0034
4740-0035
31
32
CDPH64NP-68ØNB
CDPH64NP-82ØNB
680
820
+ 25
68μH − 20 %
+ 25
82μH − 20 %
0.49(0.37)
0.59(0.45)
0.50
0.46
4740-0036
4740-0038
33
34
CDPH64NP-1Ø1NB
CDPH64NP-121NB
101
121
+ 25
100μH − 20 %
+ 25
120μH − 20 %
0.66(0.51)
0.73(0.56)
0.38
0.37
4740-0039
4740-0040
35
36
CDPH64NP-151NB
CDPH64NP-181NB
151
181
+ 25
150μH − 20 %
+ 25
180μH − 20 %
1.27(0.98)
1.42(1.09)
0.34
0.30
4740-0041
4740-0042
37
38
CDPH64NP-221NB
CDPH64NP-271NB
221
271
+ 25
220μH − 20 %
+ 25
270μH − 20 %
1.52(1.17)
2.30(1.77)
0.27
0.25
4740-0043
4740-0044
39
40
CDPH64NP-331NB
CDPH64NP-391NB
331
391
+ 25
330μH − 20 %
+ 25
390μH − 20 %
2.62(2.02)
2.88(2.21)
0.22
0.20
4740-0045
4740-0046
※1: MEASURED FREQUENCY
at
1
kHz
※2: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 25% LOWER THAN ITS NOMINAL VALUE
AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃)
3. STORAGE TEMPERATURE RANGE
: −40℃ ∼ +100℃
OPERATING TEMPERATURE RANGE: −40℃ ∼ +100℃ (INCLUDING SELF TEMPERATURE RISE)


Número de pieza similar - CDPH64NP-181NC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
CDPH64NP-181N SUMIDA-CDPH64NP-181N Datasheet
162Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com