Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC3000 Datasheet(PDF) 4 Page - PerkinElmer Optoelectronics

No. de pieza LC3000
Descripción Electrónicos  High Performance, Low-Cost Analog Line Scan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERKINELMER [PerkinElmer Optoelectronics]
Página de inicio  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC3000 Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  LC3000 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 3: Master Mode Timing Diagram
CCLK
CLT
LEN
Analog
Video
12
16 Clock Cycles
12 Clock Cycles
1 Clock Cycle
1 Clock Cycle
12 Cycles
10 Dark pixels
N Clock Cycles
Note: N is the number of active pixels on the sensor
...
N-1 N
Analog Line Scan Camera
www.perkinelmer.com/opto
DSP-201.01D - 4/2002 Page 4
Figure 4: Slave Mode Timing Diagram
LT
LR
CCLK
MCLK
CLT
LEN
Analog
Video
Note 1: N = number of active pixels on the sensor
Note 2: E = extra pixel
10 Dark
pixels
...
1 Clock Cycle
N Clock Cycles
1 Clock Cycle
2 Clock Cycles min.
Line period
12 Clock
Cycles min.
12 Clock
Cycles min.
16 Clock Cycles
1 Clock Cycle
4 Clock Cycles min.
2 Clock Cycles +
1.2usec min.
N-1 N
12
Exposure period
2 Clock
Cycles
min.
4 Clock
Cycles
min.
12586 Final Art 2 5/10/01 10:35 AM Page 4


Número de pieza similar - LC3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teledyne Technologies I...
LC3005 TELEDYNE-LC3005 Datasheet
125Kb / 1P
   5 TO 3000 MHz TO-8 CASCADABLE LC3005 SIGNAL LIMITER
logo
Seoul Semiconductor
LC300Z SEOUL-LC300Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Descripción similar - LC3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
   Low-Profile Analog Line Scan Camera
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
   High Performance Low Cost Off-line PWM Power Switch
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com