Nombre de pieza
         Descripción
M1MA151WAT1

 Common Anode Silicon Dual Switching diodes ( 2 Page)


ETL
100% 
Zoom Out Zoom In
   
 1 page
background image
H3–1/2
Common Anode Silicon
Dual Switching diodes
MAXIMUM RATINGS (T A = 2
5°C)
Rating
Symbol
Value
Unit
Reverse Voltage
M1MA151WAT1
V R
40
Vdc
M1MA152WAT1
80
Peak Reverse Voltage
M1MA151WAT1
V RM
40
Vdc
M1MA152WAT1
80
Forward Current
Single
I F
100
mAdc
Dual
150
Peak Forward Current
Single
I FM
225
mAdc
Dual
340
Peak Forward Surge Current
Single
I FSM (1)
500
mAdc
Dual
750
THERMAL CHARACTERISTICS
Rating
Symbo
lMax
Unit
Power Dissipation
P D
200
mW
Junction Temperature
T J
150
°C
Storage Temperature
T stg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current M1MA151WAT1
I R
V R = 35 V
0.1
µAdc
M1MA152WAT1
V R = 75 V
0.1
Forward Voltage
V F
I F = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
M1MA151WAT1
V R
I R = 100
µA
40
Vdc
M1MA152WAT1
80
Diode Capacitance
C D
V R = 0, f = 1.0 MHz
15
pF
Reverse Recovery Time
t rr (2)
I F = 10 mA, V R = 6.0 V,
10
ns
R L = 100
Ω, I
rr = 0.1 I R
1. t = 1 SEC
2. t rr Test Circuit
2
1
CATHODE
ANODE
3
These Common Anode Silicon Epitaxial Planar Dual Diodes are
designed for use in ultra high speed switching applications. These
devices are housed in the SC-59 package which is designed for low
power surface mount applications.
Fast t rr , < 10 ns
Low C D , < 15 pF
Available in 8 mm Tape and Reel
Use M1MA151/2WAT1 to order the 7 inch/3000 unit reel.
Use M1MA151/2WAT3 to order the 13 inch/10,000 unit reel.
1
3
2
SC-59 PACKAGE
COMMON ANODE
DUAL SWITCHING DIODES
40/80 V-100mA
SURFACE MOUNT
M1MA151WAT1
M1MA152WAT1
CASE
318D–03, STYLE5
SC–59
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
M1MA151WAT1Common Anode Silicon Dual Switching Diodes 1 2 3 4 5 MoreMotorola, Inc
M1MA151WKT1Common Anode Silicon Dual Switching diodes 1 2 Leshan Radio Company
M1MAWAT1Common Anode Silicon Dual Switching diodes 1 2 Leshan Radio Company
M1MA151WKT1Common Anode Silicon Dual Switching diodes 1 2 E-Tech Electronics LTD
DAP202UCommon Anode Silicon Dual Switching Diodes 1 2 3 4 5 MoreON Semiconductor
LM1MA151WAT1Common Anode Silicon Dual Switching diodes 1 2 3 Leshan Radio Company
M1MA151WALT1Common Anode Silicon Dual Switching diodes 1 2 3 Leshan Radio Company
M1MA151WKLT1Common Anode Silicon Dual Switching diodes 1 2 3 Leshan Radio Company
M1MA151WKT1Common Cathode Silicon Dual Switching Diodes 1 2 3 4 5 MoreMotorola, Inc
BAW56Surface Mount Silicon Planar Dual Small-Signal Diodes common anode 1 2 Diotec Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl