Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMT8304T46F Datasheet(PDF) 3 Page - ANADIGICS, Inc

No. de pieza AMT8304T46F
Descripción Electrónicos  2.125 Gb/s Integrated 850nm MSM-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANADIGICS [ANADIGICS, Inc]
Página de inicio  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8304T46F Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AMT8304T46F Datasheet HTML 1Page - ANADIGICS, Inc AMT8304T46F Datasheet HTML 2Page - ANADIGICS, Inc AMT8304T46F Datasheet HTML 3Page - ANADIGICS, Inc AMT8304T46F Datasheet HTML 4Page - ANADIGICS, Inc AMT8304T46F Datasheet HTML 5Page - ANADIGICS, Inc AMT8304T46F Datasheet HTML 6Page - ANADIGICS, Inc AMT8304T46F Datasheet HTML 7Page - ANADIGICS, Inc AMT8304T46F Datasheet HTML 8Page - ANADIGICS, Inc AMT8304T46F Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATA SHEET - Rev 2.0
12/2003
3
AMT8304
Table 3: Electrical Characteristics
Notes:
(1)
Measured at –14 dBm optical input power with output connected into R
L = 100Ω (differential)
(2)
Measured at 10-10 BER with a 27-1 PRBS at 2.125 Gb/s
(3)
Measured with a 27-1 PRBS at 2.125 Gb/s, an input optical power of -3dBm
and R
L = 100 Ω (differential)
(4)
6
about the center eye crossing
σ
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
(
h
t
g
n
e
l
e
v
a
W
λ)0
7
70
5
80
6
8m
n
r
e
t
e
m
a
i
D
r
o
t
c
e
t
e
D-
0
0
1-
m
µ
l
a
it
n
e
r
e
ff
i
D
l
a
n
g
i
S
ll
a
m
S
y
ti
v
i
s
n
o
p
s
e
R
)
1
(
)
z
H
M
0
5
@
(
0
0
0
1-
-
W
/
V
h
t
d
i
w
d
n
a
B
)
1
(
0
0
4
10
0
9
1-
z
H
M
ff
o
t
u
C
y
c
n
e
u
q
e
r
F
w
o
L-
-
0
0
3z
H
K
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O-
0
4-
d
a
o
lr
e
v
O
l
a
c
it
p
O
)
2
(
0-
-
m
B
d
y
ti
v
it
i
s
n
e
S
l
a
c
it
p
O
)
2
(
9
1
--
-
m
B
d
e
g
a
tl
o
V
t
u
p
t
u
O
l
a
it
n
e
r
e
ff
i
D
)
3
(
-0
5
7-
V
m
T
E
S
I
R
T
d
n
a
L
L
A
F
)
%
0
8
-
0
2
(
)
3
(
-0
4
1-
s
p
n
o
it
r
o
t
s
i
D
e
l
c
y
C
y
t
u
D
)
3
(
-5
-
%
r
e
tt
i
J
l
a
t
o
T
)
4
(
,
)
3
(
-0
5-
s
p
t
n
e
r
r
u
C
y
l
p
p
u
S-
5
35
5A
m
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O0
.
3
+3
.
3
+6
.
3
+s
tl
o
V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
g
n
it
a
r
e
p
O0
-
0
8°C


Número de pieza similar - AMT8304T46F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46F ANADIGICS-AMT8301T46F Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46L ANADIGICS-AMT8301T46L Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8302T56F ANADIGICS-AMT8302T56F Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
More results

Descripción similar - AMT8304T46F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
   1.25 Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com