Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMT8630-T46L-EVA Datasheet(PDF) 3 Page - ANADIGICS, Inc

No. de pieza AMT8630-T46L-EVA
Descripción Electrónicos  10 Gb/s 1310/1550nm PIN-TIA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANADIGICS [ANADIGICS, Inc]
Página de inicio  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8630-T46L-EVA Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AMT8630-T46L-EVA Datasheet HTML 1Page - ANADIGICS, Inc AMT8630-T46L-EVA Datasheet HTML 2Page - ANADIGICS, Inc AMT8630-T46L-EVA Datasheet HTML 3Page - ANADIGICS, Inc AMT8630-T46L-EVA Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMT8630
ADVANCED PRODUCT INFORMATION – Rev 0.0
3
01/2006
PERFORMANCE
-6
-4
-2
0
2
4
6
8
10
12
01
23
45
6
7
8
9
10
11
12
GHz
Figure 3: Frequency response of AMT8630-T46L-EVA (-20dBm optical input)
Figure 4: Optical input power: –5dBm,
Extinction ratio: 12dB. (50mV/Div, 20ps/Div)
Figure 5: Optical input power: –10dBm,
Extinction ratio: 12dB. (50mV/Div, 20ps/Div)
Figure 6: Optical input power: –15dBm,
Extinction ratio: 12dB. (50mV/Div, 20ps/Div)
Figure 7: Optical input power: –20dBm,
Extinction ratio: 12dB. (20mV/Div, 20ps/Div)


Número de pieza similar - AMT8630-T46L-EVA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8650-H1 ANADIGICS-AMT8650-H1 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8650-H1-EVA ANADIGICS-AMT8650-H1-EVA Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8650-T46L ANADIGICS-AMT8650-T46L Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8650-T46L-EVA ANADIGICS-AMT8650-T46L-EVA Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
More results

Descripción similar - AMT8630-T46L-EVA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
logo
Zarlink Semiconductor I...
PX6524 ZARLINK-PX6524 Datasheet
617Kb / 3P
   4 x 10 Gb/s TIA/LA Receiver
PX6429 ZARLINK-PX6429 Datasheet
229Kb / 3P
   12 x 10 Gb/s TIA/LA Optical Receiver
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com