Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM555-3004 Datasheet(PDF) 9 Page - LEDTRONICS, INC |
|
SM555-3004 Datasheet(HTML) 9 Page - LEDTRONICS, INC |
9 / 12 page .190 .190 .170 .170 .190 .170 .045 [4.8] [4.8] [4.3] [4.3] [4.8] [4.3] [1.2] SINGLE LEVEL RECTANGULAR LEDs BILEVEL RECTANGULAR LEDs .248 .248 .248 .248 .355 .355 .605 .248 .248 .248 .248 LED SIZE 2mm x 5mm LED SIZE 2mm x 5mm LED SIZE 2mm x 5mm LED SIZE 1mm x 5mm LED SIZE 1mm x 5mm LED SIZE 1mm x 5mm .248 .248 .098 .098 .070 .070 .100 .100 .100 .100 .100 .125 .125 .100 TYP .200 .200 .200 .200 .205 .248 .125 .125 .125 .125 .248 .248 .248 .248 .248 .440 .440 .153 .153 .325 .325 .125 .500 MIN .500 MIN .500 MIN .500 MIN .500 MIN .140 [6.3] [3.2] [3.2] [3.2] [3.2] [6.3] [6.3] [6.3] [6.3] [6.3] [11.2] [11.2] [3.9] [3.9] [8.3] [8.3] [3.2] [12.7] [12.7] [12.7] [12.7] [12.7] [3.6] LED 1 LED 2 LED 2 LED 2 LED 1 [6.3] [6.3] [6.3] [6.3] [9.0] [9.0] [15.4] [6.3] [6.3] [6.3] [6.3] [6.3] [6.3] [2.5] [2.5] [1.8] [1.8] [2.6] [2.6] [2.6] [2.6] [2.6] [3.2] [3.2] [2.6] [5.1] [5.1] [5.1] [5.1] [5.2] RP240 RPV240 RPT240 RP280 RPV280 RPT280 21RP070 21RPV070 RED RED RED COLOR COLOR R RP280 RPT280 RPV280 RP210 RPT210 RPV210 SP200 SPT200 SPV200 R R RP240 RPT240 RPV240 CODE CODE CODE SERIES SERIES 2.0/2.8 2.0/2.8 2.0/2.8 Vf Vf 1.5/3.8 2.0/4.0 1.2/3.0 Iv mcd Iv mcd 10/30 10/30 10/30 mA mA YELLOW YELLOW YELLOW Y Y Y 2.1/2.8 2.1/2.8 2.1/2.8 1.5/3.0 1.5/3.0 1.0/2.3 10/30 10/30 10/30 GREEN GREEN GREEN G G G 2.1/2.8 2.1/2.8 2.1/2.8 1.5/3.0 1.5/3.0 1.2/3.0 10/30 10/30 10/30 BLUE BLUE BLUE B B B 3.2/3.7 3.2/3.7 3.2/3.7 0.4/0.6 0.5/0.8 0.6/1.1 30/50 30/50 30/35 + + .100 .500 MIN [12.7] [2.6] + + ++ ++ - ALL "Vf" READINGS ARE TYP/MAX - ALL "mcd" READINGS ARE MIN/TYP - LC = LOW CURRENT 2mA LEDs - X = DENOTES BLANK LED SPACE - CONSULT FACTORY ON PART NUMBERS FOR ARRAYS WITH NONCONSECUTIVE COLORS - ALL "Vf" READINGS ARE TYP/MAX - ALL "mcd" READINGS ARE MIN/TYP SPECIALS .100 .500 MIN [12.7] [2.6] + .100 .500 MIN [12.7] [2.6] + .220 .220 .220 .220 .220 .220 .045 [5.6] [5.6] [5.6] [5.6] [5.6] [5.6] [1.2] .248 .248 .248 .248 .355 .355 .605 .392 .294 .196 .098 TYP .098 TYP .098 TYP .248 .248 .248 LED SIZE 5mm x 5mm LED SIZE 5mm x 5mm LED SIZE 5mm x 5mm LED SIZE 2.5mm x 5mm LED SIZE 2.5mm x 5mm LED SIZE 2.5mm x 5mm .248 .248 .248 .100 .100 .100 .100 .125 .125 .100 TYP .200 .200 .200 .200 .125 .125 .125 .125 .248 .248 .248 .248 .248 .248 .125 .500 MIN .500 MIN .500 MIN .500 MIN .140 .075 [3.2] [3.2] [3.2] [3.2] [6.3] [6.3] [6.3] [6.3] [6.3] [6.3] [3.2] [12.7] [12.7] [12.7] [12.7] LED 2 [3.6] [1.9] [6.3] [6.3] [6.3] [6.3] [9.0] [9.0] [15.4] [10.0] [7.5] [5.0] [2.5] [2.5] [2.5] [6.3] [6.3] [6.3] [6.3] [6.3] [6.3] [2.6] [2.6] [2.6] [2.6] [3.2] [3.2] [2.6] [5.1] [5.1] [5.1] [5.1] RP210 RPV210 RPT210 SP200 SPV200 SPT200 24RP070 23RP070 22RP070 RED RED COLOR R R 2.0/2.8 2.0/2.8 Vf 1.0/2.0 0.3/1.0 Iv mcd 10/30 10/30 mA YELLOW YELLOW Y Y 2.1/2.8 2.1/2.8 1.0/2.0 0.4/1.5 10/30 10/30 GREEN GREEN G G 2.1/2.8 2.1/2.8 2.5/4.5 0.4/1.3 10/30 10/30 ++ ++ + + SAMPLE PART NUMBER: LED COLOR RP280X3 Arrays 8 SAMPLE PART NUMBER: LED 1 COLOR LED 2 COLOR 21RPV070T3-X/X |
Número de pieza similar - SM555-3004 |
|
Descripción similar - SM555-3004 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |