Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF200CR7-48V-P Datasheet(PDF) 1 Page - LEDTRONICS, INC

No. de pieza BF200CR7-48V-P
Descripción Electrónicos  Single Contact Type Miniature BaseLED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDTRONICS [LEDTRONICS, INC]
Página de inicio  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BF200CR7-48V-P Datasheet(HTML) 1 Page - LEDTRONICS, INC

  BF200CR7-48V-P Datasheet HTML 1Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Numbering System Guide
Part Numbering System Guide
321 = 9mm Bay,
1 chip
200 = 5mm 1 chip
3127 = 9mm Bay,
7-LED
467 = S6 Candelabra,
7-LED
Single Contact Type Miniature BaseLED Lamps
28V
BP
Submidget Flange 3mm
Midget Flange 5mm
Midget Screw 5mm
Midget Grooved 5mm
Bayonet 9mm
Candelabra Screw S6
Bayonet 9mm
15mm SC Bayonet Based LEDs
B304
B276
B206
F154
European Flanged & Bayonet
BM607
SLF467
SL464
F124
F121
F122
G206
F206
S206
FF200
F200
SF200
S200
GF200
G200
B321
BF321
B3127
B307
BF307
B609
LED Lens
Type
LED/Chip
Brightness Code
Standard Operating
Voltage
(Examples)
Options
(Examples)
BP = Bipolar
AC/DC
P = Center Contact
Positive
N = Center Contact
Negative
AC = AC Only
Electrical
Characteristics
Polarity
Color Code
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: http://www.ledtronics.com
RSLF467
1.7VF
2VF
3.5VF
5VDC
6VDC
12VDC
14VDC
24VDC
28VDC
36VDC
48VDC
120VDC
120VAC
130VDC
240VAC
Series
Base Type
C = Clear
Notes:
*
*
*
R= Red
O = Orange
A
= Amber
Y
= Yellow
IW = Incand White
PW= Pale White
W = Cool White
G = HE Green
PG = Pure Green
AG = Aqua Green
BG = Blue Green
B
= Blue
UB = Blue 430nm
IR = Infrared
(Examples)
F = Flange
B = Bayonet
S = Screw
321
B F
LED & Part Height
Characteristics
(Examples)
No. of LEDs & base
OD characteristics
(Examples)
(Examples)
*
1. Contact local salesman to determine best
style for each application
2. (*) LED type and style, Lens type and style,
LED brightness code determined by factory
based on application
3. Not all possible combinations of color,voltage
and polarity are available
6-chip LEDs
R6
= HE Red (635nm)
R7
= UL Red (660nm)
Y3K = SP Yel (595nm)
1-chip LEDs
R3K = UL Red (660nm)
O3K = SP Org (610nm)
Y3K = SP Yel (595nm)
W4K = Cool White
IW2K = Incand White
AG6K= SP Green (525nm)
B1K = SP Blue (470nm)
Infrared LEDs
881
= Hi-Power (880nm)
941
= Hi-Power (941nm)
F = Flat Top 120˚ LED
M = Medium Height
L = Long Height
S = Short
3
R
C3
BF
1
2
K


Número de pieza similar - BF200CR7-48V-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BF200 ETC-BF200 Datasheet
456Kb / 6P
   NPN TRANZYSTORY
logo
New Jersey Semi-Conduct...
BF200 NJSEMI-BF200 Datasheet
127Kb / 1P
   General Purpose Diodes
BF200 NJSEMI-BF200 Datasheet
127Kb / 1P
   Electrical characterlitics
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
BF2000W SIEMENS-BF2000W Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
More results

Descripción similar - BF200CR7-48V-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LEDTRONICS, INC
5SB206CR6-28V-BP LEDTRONICS-5SB206CR6-28V-BP Datasheet
121Kb / 1P
   Double Contact Type Miniature BaseLED Lamps
logo
List of Unclassifed Man...
5SB206 ETC1-5SB206 Datasheet
103Kb / 1P
   DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS
logo
Dialight Corporation
586-4605-802 DIALIGHT-586-4605-802 Datasheet
88Kb / 1P
   LED Replacement Lamps Single Contact Bayonet Base
logo
List of Unclassifed Man...
G53AD-DC110 ETC-G53AD-DC110 Datasheet
54Kb / 2P
   Miniature Type, Heavy contact load up to 4000VA
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
logo
LEDTRONICS, INC
FF120-0UR-005P LEDTRONICS-FF120-0UR-005P Datasheet
2Mb / 28P
   Miniature Based LED Lamps
logo
Gilway Technical Lamp
H714 GILWAY-H714 Datasheet
63Kb / 1P
   Holders for Miniature Bi-Pin Lamps
logo
Chicago Miniature Lamp,...
CM1317 CML-CM1317 Datasheet
142Kb / 1P
   B-6 Single Bayonet Base, B-3 1/2 Single Contact Miniature Flange Base
logo
Vishay Siliconix
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
   Thin Film, Top-Contact Miniature Resistor
Revision: 26-Jan-15
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com