Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL2575-15IKTTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL2575-15IKTTR
Descripción Electrónicos  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL2575-15IKTTR Datasheet(HTML) 2 Page - Texas Instruments

  TL2575-15IKTTR Datasheet HTML 1Page - Texas Instruments TL2575-15IKTTR Datasheet HTML 2Page - Texas Instruments TL2575-15IKTTR Datasheet HTML 3Page - Texas Instruments TL2575-15IKTTR Datasheet HTML 4Page - Texas Instruments TL2575-15IKTTR Datasheet HTML 5Page - Texas Instruments TL2575-15IKTTR Datasheet HTML 6Page - Texas Instruments TL2575-15IKTTR Datasheet HTML 7Page - Texas Instruments TL2575-15IKTTR Datasheet HTML 8Page - Texas Instruments TL2575-15IKTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638 – MAY 2006
ORDERING INFORMATION
TL2575 (VIN(MAX) = 40 V)
VO
TJ
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(NOM)
PDIP – N
Tube of 25
TL2575-33IN
TL2575-33IN
3.3 V
TO-263 – KTT
Reel of 2000
TL2575-33IKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575-33IKV
PREVIEW
PDIP – N
Tube of 25
TL2575-05IN
TL2575-05IN
5 V
TO-263 – KTT
Reel of 2000
TL2575-05IKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575-05IKV
PREVIEW
PDIP – N
Tube of 25
TL2575-12IN
PREVIEW
–40
°C to 125°C
12 V
TO-263 – KTT
Reel of 2000
TL2575-12IKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575-12IKV
PREVIEW
PDIP – N
Tube of 25
TL2575-15IN
PREVIEW
15 V
TO-263 – KTT
Reel of 2000
TL2575-15IKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575-15IKV
PREVIEW
PDIP – N
Tube of 25
TL2575-ADJIN
PREVIEW
ADJ
TO-263 – KTT
Reel of 2000
TL2575-ADJIKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575-ADJIKV
PREVIEW
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ORDERING INFORMATION
TL2575HV (VIN(MAX) = 60 V)
VO
TJ
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(NOM)
PDIP – N
Tube of 25
TL2575HV-33IN
PREVIEW
3.3 V
TO-263 – KTT
Reel of 2000
TL2575HV-33IKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575HV-33IKV
PREVIEW
PDIP – N
Tube of 25
TL2575HV-05IN
PREVIEW
5 V
TO-263 – KTT
Reel of 2000
TL2575HV-05IKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575HV-05IKV
PREVIEW
PDIP – N
Tube of 25
TL2575HV-12IN
PREVIEW
–40
°C to 125°C
12 V
TO-263 – KTT
Reel of 2000
TL2575HV-12IKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575HV-12IKV
PREVIEW
PDIP – N
Tube of 25
TL2575HV-15IN
PREVIEW
15 V
TO-263 – KTT
Reel of 2000
TL2575HV-15IKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575HV-15IKV
PREVIEW
PDIP – N
Tube of 25
TL2575HV-ADJIN
PREVIEW
ADJ
TO-263 – KTT
Reel of 2000
TL2575HV-ADJIKTTR
PREVIEW
TO-220 – KV
Tube of 50
TL2575HV-ADJIKV
PREVIEW
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback


Número de pieza similar - TL2575-15IKTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL2575-15IKTTR TI-TL2575-15IKTTR Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-15IKTTR TI-TL2575-15IKTTR Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-15IKTTR TI-TL2575-15IKTTR Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-15IKTTR TI-TL2575-15IKTTR Datasheet
1,011Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-15IKTTR TI1-TL2575-15IKTTR Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

Descripción similar - TL2575-15IKTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
[Old version datasheet]   TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com