Nombre de pieza
         Descripción
1N4150

 High-speed diodes" ( 8 Page)


PHILIPS
100% 
Zoom Out Zoom In
   
 6 page
background image
1999 Jun 01
6
Philips Semiconductors
Product specification
High-speed diodes
1N4150; 1N4151
Fig.7 Reverse recovery voltage test circuit and waveforms.
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
IF
D.U.T.
R = 50
i
SAMPLING
OSCILLOSCOPE
MGA881
(1) The value of IR is dependent on product type.
Fig.8 Forward recovery time test circuit and waveforms.
Input signal: forward pulse rise time tr = 0.4 ns; forward pulse duration tp = 100 ns; duty factor δ = 0.01.
t r
t
t p
10%
90%
I
input
signal
R = 50
S
I
R = 50
i
OSCILLOSCOPE
1 k
450
D.U.T.
MBH181
Vfr
tfr
t
output
signal
VF
(V)
1.0
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MP7690ACMOS PROGRAMMABLE INPUT RANGE 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreExar Corporation
IA1208-FE10AColor image sensor heads for High-speed Scanner 1 2 3 4 5 MoreRohm
IN74AC643Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
BAS16HHigh-speed switching diode in SOD123F package 1 2 3 4 5 MoreNXP Semiconductors
2SC2335NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 1 2 3 4 5 MoreNEC
AD518LOW-COST HIGH-SPEED IC OPERATIONAL AMPLIFIER 1 2 Analog Devices
CXA2702GAOptical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD 1 2 Sony Corporation
MAX13050Industry-Standard High-Speed CAN Transceivers with ±80V Fault Protection 1 2 3 4 5 MoreMaxim Integrated Products
IDT709199LHIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 1 2 3 4 5 MoreIntegrated Device Technology
TPC8020-HField Effect Transistor Silicon N Channel MOS Type Ultra High-Speed U-MOSIII 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl