Nombre de pieza
         Descripción
CXT491E

 SURFACE MOUNT NPN SILICON TRANSISTOR ( 2 Page)


CENTRAL
100% 
Zoom Out Zoom In
   
 2 page
background image
LEAD CODE:
1) Emitter
2) Collector
3) Base
Central
Semiconductor Corp.
TM
SOT-89 CASE - MECHANICAL OUTLINE
CXT491E
SURFACE MOUNT
NPN SILICON TRANSISTOR
MIN
MAX
MIN
MAX
A
0.055 0.067
1.40
1.70
B
C
0.014 0.018
0.35
0.46
D
0.173 0.185
4.40
4.70
E
0.064 0.074
1.62
1.87
F
0.146 0.177
3.70
4.50
G
0.090 0.106
2.29
2.70
H
0.028 0.051
0.70
1.30
J
0.014 0.019
0.36
0.48
K
0.017 0.023
0.44
0.58
L
M
SOT-89 (REV: R4)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
0.059
0.118
1.50
3.00
R1 (20-May 2004)
MARKING CODE: Full Part Number
BOTTOM VIEW
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE2643Silicon NPN Transistor VHF/UHF Low Noise Amp Surface Mount 1 2 NTE Electronics
BSP19AT1NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CMPT5551HCSURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
CXT5551HCSURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
CZT2680SURFACE MOUNT NPN HIGH VOLTAGE SILICON SWITCHING POWER TRANSISTOR 1 2 Central Semiconductor Corp
BSP52T1MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CMUT2222AULTRAmini. SURFACE MOUNT NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CZTA44HCSURFACE MOUNT NPN SILICON HIGH CURRENT HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXTA44SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CZT3090LSURFACE MOUNT LOW VCE SAT NPN SILICON POWER TRANSISTOR 1 2 Central Semiconductor Corp