Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUZ111SE3045A Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BUZ111SE3045A
Descripción Electrónicos  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ111SE3045A Datasheet(HTML) 1 Page - Infineon Technologies AG

  BUZ111SE3045A Datasheet HTML 1Page - Infineon Technologies AG BUZ111SE3045A Datasheet HTML 2Page - Infineon Technologies AG BUZ111SE3045A Datasheet HTML 3Page - Infineon Technologies AG BUZ111SE3045A Datasheet HTML 4Page - Infineon Technologies AG BUZ111SE3045A Datasheet HTML 5Page - Infineon Technologies AG BUZ111SE3045A Datasheet HTML 6Page - Infineon Technologies AG BUZ111SE3045A Datasheet HTML 7Page - Infineon Technologies AG BUZ111SE3045A Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
1
05.99
SIPMOS
® Power Transistor
Product Summary
Drain source voltage
55
VDS
V
Drain-Source on-state resistance
0.008
RDS(on)
ID
Continuous drain current
80
A
Features
• N channel
Enhancement mode
• Avalanche rated
• dv/dt rated
• 175˚C operating temperature
Pin 1
Pin 2
Pin 3
G
D
S
Packaging
Type
Package
Ordering Code
BUZ111S
Tube
P-TO220-3-1 Q67040-S4003-A2
BUZ111S E3045A
Tape and Reel
Q67040-S4003-A6
P-TO263-3-2
Tube
BUZ111S E3045
P-TO263-3-2 Q67040-S4003-A5
Maximum Ratings, at
Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Unit
Value
Continuous drain current
TC = 25 ˚C, 1)
TC = 100 ˚C
80
80
ID
A
Pulsed drain current
TC = 25 ˚C
IDpulse
320
Avalanche energy, single pulse
ID = 80 A, VDD = 25 V, RGS = 25 Ω
mJ
EAS
700
Avalanche energy, periodic limited by
Tjmax
30
EAR
Reverse diode d
v/dt
IS = 80 A, VDS = 40 V, di/dt = 200 A/µs,
Tjmax = 175 ˚C
d
v/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC = 25 ˚C
Ptot
300
W
Operating and storage temperature
Tj , Tstg
˚C
-55... +175
55/175/56
IEC climatic category; DIN IEC 68-1
BUZ 111S


Número de pieza similar - BUZ111SE3045A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
logo
Inchange Semiconductor ...
BUZ111S ISC-BUZ111S Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ111SL SIEMENS-BUZ111SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
More results

Descripción similar - BUZ111SE3045A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com