|
| LL101A |
|
||
|
VISHAY |
|
5 page
Legal Disclaimer Notice Vishay Document Number: 91000 www.vishay.com Revision: 08-Apr-05 1 Notice Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale. |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| SD101A | Small Signal Schottky Diodes | 1 2 3 4 5 | Vishay Siliconix |
| PBYR235CT | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| NSR1020MW2T1G | Schottky Barrier Diodes | 1 2 3 | ON Semiconductor |
| NTJS4405N | Small Signal MOSFET 25 V 1.2 A Single N−Channel SC−88 | 1 2 3 4 5 | ON Semiconductor |
| NSR0130P2T5G | Schottky Barrier Diode | 1 2 3 | ON Semiconductor |
| NTLJF3117P | Power MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package | 1 2 3 4 5 More | ON Semiconductor |
| NTLJF3118N | Power MOSFET and Schottky Diode 20 V 4.6 A uCool N-Channel with 2.0 A Schottky Barrier Diode 2x2 mm WDFN Package | 1 2 3 4 5 More | ON Semiconductor |
| PMEG3002TV | 0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package | 1 2 3 4 5 More | NXP Semiconductors |
| RB201A60 | Schottky barrier diode | 1 2 3 4 | Rohm |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |