|
| LL101A |
|
||
|
VISHAY |
|
4 page
www.vishay.com 4 Document Number 85626 Rev. 1.2, 03-Mar-06 LL101A / 101B / 101C Vishay Semiconductors Ozone Depleting Substances Policy Statement It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| SD101A | Small Signal Schottky Diodes | 1 2 3 4 5 | Vishay Siliconix |
| PBYR235CT | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| NSR1020MW2T1G | Schottky Barrier Diodes | 1 2 3 | ON Semiconductor |
| NTJS4405N | Small Signal MOSFET 25 V 1.2 A Single N−Channel SC−88 | 1 2 3 4 5 | ON Semiconductor |
| NSR0130P2T5G | Schottky Barrier Diode | 1 2 3 | ON Semiconductor |
| NTLJF3117P | Power MOSFET and Schottky Diode −20 V −4.1 A P−Channel with 2.0 A Schottky Barrier Diode 2x2 mm uCool Package | 1 2 3 4 5 More | ON Semiconductor |
| NTLJF3118N | Power MOSFET and Schottky Diode 20 V 4.6 A uCool N-Channel with 2.0 A Schottky Barrier Diode 2x2 mm WDFN Package | 1 2 3 4 5 More | ON Semiconductor |
| PMEG3002TV | 0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package | 1 2 3 4 5 More | NXP Semiconductors |
| RB201A60 | Schottky barrier diode | 1 2 3 4 | Rohm |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |