Nombre de pieza
         Descripción
SIDC46D170H

 Fast switching diode chip in EMCON 3 -Technology ( 4 Page)


INFINEON
100% 
Zoom Out Zoom In
   
 2 page
background image
Preliminary
SIDC46D170H
Edited by INFINEON Technologies AI PS DD HV3, L 4471A, Edition 1, 22.10.2001
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
V RRM
1700
V
Continuous forward current limited by
Tjmax
I F
75
Single pulse forward current
(depending on wire bond configuration)
I FSM
tP = 10 ms sinusoidal
tbd
Maximum repetitive forward current
limited by Tjmax
I FRM
150
A
Operating junction and storage
temperature
Tj , Tstg
-55...+150
°C
Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse leakage current
I R
V R=1700V
Tj=25 ° C
250
µA
Cathode-Anode
breakdown Voltage
V Br
I R=0.25mA
Tj=25°C
1700
V
Forward voltage drop
V F
I F=75A
Tj=25 ° C
1.8
V
Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
t rr1
IF=75A
Tj = 25 °C
tbd
Reverse recovery time
t rr2
di/dt=---- A/
µs
VR=--- V
Tj = 125 °C
ns
I RRM1
Tj = 25 °C
tbd
Peak recovery current
I RRM2
IF=75A
di/dt=---- A/
µs
VR=--- V
Tj = 125 °C
tbd
A
Qrr1
Tj=25 ° C
tbd
Reverse recovery charge
Qrr2
IF=75A
di/dt=---- A/
µs
VR=--- V
Tj=125 ° C
tbd
µC
dirr1/dt
Tj= 25 ° C
tbd
Peak rate of fall of reverse
recovery current
dirr2/dt
IF=75A
di/dt=---- A/
µs
VR=--- V
Tj=125 ° C
A/
µs
S1
Tj=25 ° C
tbd
Softness
S2
IF=75A
di/dt=---- A/
µs
VR=--- V
Tj=125 ° C
1
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SIDC110D170HFast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC85D170HFast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC161D170HFast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC02D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC03D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC05D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC06D60AC6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC06D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC08D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC14D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl