Nombre de pieza
         Descripción
1PS89SS04

 High-speed double diodes ( 12 Page)


PHILIPS
100% 
Zoom Out Zoom In
 
 3 page
background image
1999 Jun 08
3
Philips Semiconductors
Preliminary specification
High-speed double diodes
Note
1. Refer to SC-89 (SOT490) standard mounting conditions.
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Refer to SC-89 (SOT490) standard mounting conditions.
Ptot
total power dissipation (per package) Tamb ≤ 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
+150
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.6
IF = 1 mA
610
mV
IF = 10 mA
740
mV
IF =50mA
1V
IF = 100 mA
1.2
V
IR
reverse current
see Fig.8
VR =25V
30
nA
VR =80V
0.5
µA
VR = 25 V; Tj = 150 °C
30
µA
VR = 80 V; Tj = 150 °C
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.9
1.5
pF
1.5
pF
2pF
trr
reverse recovery time
switched from IF = 10 mA to IR =10mA;
RL = 100 Ω; measured at IR = 1 mA;
see Fig.10
4ns
Vfr
forward recovery voltage
switched to IF = 10 mA; tr =20ns;
see Fig.11
1.75
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point both diodes loaded
55
K/W
70
K/W
70
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PMBD2835High-speed double diodes 1 2 3 4 5 MoreNXP Semiconductors
PMBD2837High-speed double diodes 1 2 3 4 5 MoreNXP Semiconductors
1PS89SB14Schottky barrier double diodes 1 2 3 4 5 MoreNXP Semiconductors
BAT721Schottky barrier double diodes 1 2 3 4 5 MoreNXP Semiconductors
PMLL4150High-speed diodes 1 2 3 4 5 MoreNXP Semiconductors
BAS70-Silicon Schottky Diodes General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1 2 3 4 5 Siemens Semiconductor Group
1PS59SB10Schottky barrier double diodes 1 2 3 4 5 NXP Semiconductors
1PS300High-speed double diode 1 2 3 4 5 MoreNXP Semiconductors
BAV70SHigh-speed double diode array 1 2 3 4 5 MoreNXP Semiconductors
DAN202N3High-Speed double diode 1 2 3 4 Cystech Electonics Corp.

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl