Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2PA1774J Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 2PA1774J
Descripción Electrónicos  PNP general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PA1774J Datasheet(HTML) 3 Page - NXP Semiconductors

  2PA1774J Datasheet HTML 1Page - NXP Semiconductors 2PA1774J Datasheet HTML 2Page - NXP Semiconductors 2PA1774J Datasheet HTML 3Page - NXP Semiconductors 2PA1774J Datasheet HTML 4Page - NXP Semiconductors 2PA1774J Datasheet HTML 5Page - NXP Semiconductors 2PA1774J Datasheet HTML 6Page - NXP Semiconductors 2PA1774J Datasheet HTML 7Page - NXP Semiconductors 2PA1774J Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 04
3
Philips Semiconductors
Preliminary specification
PNP general purpose transistor
2PA1774J
THERMAL CHARACTERISTICS
Note
1. Refer to SC-89 (SOT490) standard mounting conditions.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−100
nA
IE = 0; VCB = −30 V; Tj = 150 °C
−−5
µA
IEBO
emitter cut-off current
IC = 0; VEB = −4V
−−100
nA
hFE
DC current gain
IC = −1 mA; VCE = −6 V; note 1
2PA1774JQ
120
270
2PA1774JR
180
390
2PA1774JS
270
560
VCEsat
collector-emitter saturation
voltage
IC = −50 mA; IB = −5 mA; note 1
−−200
mV
Cc
collector capacitance
IE =ie = 0; VCB = −12 V; f = 1 MHz
2.2
pF
fT
transition frequency
IC = −2 mA; VCE = −12 V;
f = 100 MHz; note 1
100
MHz


Número de pieza similar - 2PA1774J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
2PA1774 PHILIPS-2PA1774 Datasheet
41Kb / 8P
   PNP general purpose transistor
1999 Jun 01
2PA1774 NXP-2PA1774 Datasheet
90Kb / 7P
   PNP general-purpose transistor
Rev. 05-17 November 2009
logo
Nexperia B.V. All right...
2PA1774 NEXPERIA-2PA1774 Datasheet
205Kb / 8P
   PNP general-purpose transistor
Rev. 05 - 17 November 2009
logo
NXP Semiconductors
2PA1774M PHILIPS-2PA1774M Datasheet
70Kb / 8P
   PNP general purpose transistor
2004 Feb 19
2PA1774M NXP-2PA1774M Datasheet
135Kb / 8P
   PNP general purpose transistor
2004 Feb 19
More results

Descripción similar - 2PA1774J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com