Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STBN027 Datasheet(PDF) 4 Page - EIC discrete Semiconductors

No. de pieza STBN027
Descripción Electrónicos  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EIC [EIC discrete Semiconductors]
Página de inicio  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBN027 Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  STBN027 Datasheet HTML 1Page - EIC discrete Semiconductors STBN027 Datasheet HTML 2Page - EIC discrete Semiconductors STBN027 Datasheet HTML 3Page - EIC discrete Semiconductors STBN027 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( STBN06I - STBN5D0 )
FIG.1 - PULSE DERATING CURVE
FIG.2 - PULSE WAVEFORM
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
Page 4 of 4
Rev. 04 : March 25, 2005
80
60
40
20
120
5.00
100
10
0
1.25
3.75
0
0.1
2.50
1.0
tp, PULSE W IDTH
100
100
125
175
0
25
50
75
150
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
200
TL, LEAD TEMPERATURE (
°C)
tp
50
100
0
Tr = 10
µs
Peak Value
IRSM
Half Value - IRSM
T, TIME(ms)
1.0
2.0
3.0
4.0
0
2
TJ=25
°C
Pulse W idth (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 W aveform
as defined by R.E.A.
Single Phase Half W ave
60 Hz Resistive or Inductive load


Número de pieza similar - STBN027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
STBNCO2212 SCHNEIDER-STBNCO2212 Datasheet
145Kb / 4P
   standard Network Interface Module STB - CANopen bus - 1 Mbit/s
Apr 8, 2022
STBNDN2212 SCHNEIDER-STBNDN2212 Datasheet
137Kb / 4P
   standard Network Interface Module STB - DeviceNet - 125..500 kbit/s
Apr 8, 2022
STBNDP2212 SCHNEIDER-STBNDP2212 Datasheet
141Kb / 4P
   standard Network Interface Module STB - Profibus DP - 9.6 kbit/s
Apr 8, 2022
STBNFP2212 SCHNEIDER-STBNFP2212 Datasheet
141Kb / 4P
   standard Network Interface Module STB - Fipio - 1 Mbit/s
Apr 8, 2022
STBNIB2212 SCHNEIDER-STBNIB2212 Datasheet
125Kb / 4P
   standard Network Interface Module STB - Interbus - 500 kbit/s
Apr 8, 2022
More results

Descripción similar - STBN027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
STBB06I EIC-STBB06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBK06I EIC-STBK06I Datasheet
58Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP06I EIC-STBP06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBS06H EIC-STBS06H Datasheet
54Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
78Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com