Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT16273 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74ABT16273
Descripción Electrónicos  16-bit D-type flip-flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16273 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT16273 Datasheet HTML 1Page - NXP Semiconductors 74ABT16273 Datasheet HTML 2Page - NXP Semiconductors 74ABT16273 Datasheet HTML 3Page - NXP Semiconductors 74ABT16273 Datasheet HTML 4Page - NXP Semiconductors 74ABT16273 Datasheet HTML 5Page - NXP Semiconductors 74ABT16273 Datasheet HTML 6Page - NXP Semiconductors 74ABT16273 Datasheet HTML 7Page - NXP Semiconductors 74ABT16273 Datasheet HTML 8Page - NXP Semiconductors 74ABT16273 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16273
74ABTH16273
16-bit D-type flip-flop
1998 Feb 27
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = +25
°C
Temp = -40
°C
to +85
°C
UNIT
MIN
TYP
MAX
MIN
MAX
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VIL or VIH
2.0
2.4
2.0
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
VRST
Power-up output
voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
Input leakage current
I
Input leakage current
VCC =5 5V; V =VCC or GND
±01
±1
±1
µA
II
g
74ABT16273
VCC = 5.5V; VI = VCC or GND
±0.1
±1
±1
µA
I
74ABT16273
CC
I
CC
µ
Input leakage current
VCC = 5.5V; VI = VCC or GND
Control
pins
±0.01
±1
±1
µA
II
In ut leakage current
74ABTH16273
VCC = 5.5V; VI = VCC
Data pins
0.01
1
1
µA
VCC = 5.5V; VI = 0
Data pins
–2
–3
–5
µA
B
H ld
t i
t 4
VCC = 4.5V; VI = 0.8V
35
35
IHOLD
Bus Hold current inputs4
74ABTH16273
VCC = 4.5V; VI = 2.0V
–75
–75
µA
VCC = 5.5V; VI = 0 to 5.5V
±800
IOFF
Power-off leakage
current
VCC= 0.0V; VO or VI t 4.5V
±5.0
±100
±100
µA
IO
output current1
VCC = 5.5V; VO = 2.5V
–50
–70
–180
–50
–180
mA
ICEX
Output High leakage
current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
ICCH
Quiescent supply current
VCC = 5.5V; Outputs High, VI = GND or VCC
0.2
1
1
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
8
19
19
mA
∆ICC
Additional supply current
per input pin2
74ABT16273
VCC = 5.5V; One input at 3.4V.
Other inputs at VCC or GND
5
100
100
µA
∆ICC
Additional supply current
per input pin2
74ABTH16273
VCC = 5.5V; One input at 3.4V.
Other inputs at VCC or GND
0.2
1
1
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω;
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40 to +85 °C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
nCP to nQx
1
1.5
1.2
2.5
2.0
3.4
2.7
1.5
1.2
4.0
3.0
ns
tPHL
Propagation delay
nMR to nQx
2
1.9
3.7
4.3
1.9
5.3
ns
fMAX
Maximum clock frequency
1
150
240
150
MHz


Número de pieza similar - 74ABT16273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT162240 PHILIPS-74ABT162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162240DGG PHILIPS-74ABT162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162240DL PHILIPS-74ABT162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Descripción similar - 74ABT16273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC16374 TI1-SN74LVC16374_14 Datasheet
489Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com