Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABTH162827ADGG Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74ABTH162827ADGG
Descripción Electrónicos  20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH162827ADGG Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABTH162827ADGG Datasheet HTML 1Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 2Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH162827ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74ABT162827A
74ABTH162827A
20-bit buffer/line driver, non-inverting,
with 30
W termination resistors (3-State)
2
1998 Feb 27
853-1928 19025
FEATURES
Multiple V
CC and GND pins minimize switching noise
Live insertion/extraction permitted
3-State output buffers
Power-up 3-State
74ABTH162827A incorporates bus-hold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs
Output capability: +64mA/-32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ABT162827A high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive.
The 74ABT162827A 20-bit buffers provide high performance bus
interface buffering for wide data/address paths or buses carrying
parity. They have NOR Output Enables (nOE1, nOE2) for maximum
control flexibility.
The 74ABT162827A is designed with 30
W series resistance in both
the pull–up and pull–down output structures. This design reduces
line noise in applications such as memory address drivers, clock
drivers and bus receivers/transmitters.
Two options are available, 74ABT162827A which does not have the
bus-hold feature and 74ABTH162827A which incorporates the
bus-hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF; VCC = 5V
1.8
1.9
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
6
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
500
µA
ICCL
Quiescent su
ly current
Outputs Low; VCC = 5.5V
9
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT162827A DL
BT162827A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT162827A DGG
BT162827A DGG
SOT364-1
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH162827A DL
BH162827A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH162827A DGG
BH162827A DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
55, 54, 52, 51, 49, 48, 47, 45, 44, 43,
42, 41, 40, 38, 37, 36, 34, 33, 31, 30
1A0 - 1A9
2A0 - 2A9
Data inputs
2, 3, 5, 6, 8, 9, 10, 12, 13, 14,
15, 16, 17, 19, 20, 21, 23, 24, 26, 27
1Y0 - 1Y9
2Y0 - 2Y9
Data outputs
1, 56,
28, 29
1OE0, 1OE1
2OE0, 2OE1
Output enable inputs (active-Low)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Número de pieza similar - 74ABTH162827ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABTH162240 PHILIPS-74ABTH162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DGG PHILIPS-74ABTH162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DL PHILIPS-74ABTH162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162244 PHILIPS-74ABTH162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABTH162244DGG PHILIPS-74ABTH162244DGG Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
More results

Descripción similar - 74ABTH162827ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
74ALVT162827 NEXPERIA-74ALVT162827 Datasheet
199Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com