Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABTH16501ADGG Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74ABTH16501ADGG
Descripción Electrónicos  18-bit universal bus transceiver 3-State
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16501ADGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ABTH16501ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH16501ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH16501ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH16501ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH16501ADGG Datasheet HTML 9Page - NXP Semiconductors 74ABTH16501ADGG Datasheet HTML 10Page - NXP Semiconductors 74ABTH16501ADGG Datasheet HTML 11Page - NXP Semiconductors 74ABTH16501ADGG Datasheet HTML 12Page - NXP Semiconductors 74ABTH16501ADGG Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
74ABT16501A
74ABTH16501A
18-bit universal bus transceiver (3-State)
1998 Feb 27
9
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = –40 to +85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
fmax
Maximum clock frequency
1
150
225
150
MHz
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
2
1.0
1.0
2.2
1.8
3.0
2.5
1.0
1.0
3.5
3.0
ns
tPLH
tPHL
Propagation delay
LEAB to Bn or LEBA to An
3
1.5
1.4
3.2
2.9
4.3
3.8
1.5
1.4
5.0
4.2
ns
tPLH
tPHL
Propagation delay
CPAB to Bn or CPBA to An
1
1.6
1.4
3.5
2.9
4.5
3.8
1.6
1.4
5.0
4.2
ns
tPZH
tPZL
Output enable time
to HIGH and LOW level
5
6
1.1
1.0
3.0
2.4
4.0
3.4
1.1
1.0
4.7
3.9
ns
tPHZ
tPLZ
Output disable time
from HIGH and LOW level
5
6
1.3
1.0
3.3
2.4
4.3
3.4
1.3
1.0
5.3
3.9
ns
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = –40 to +85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time, HIGH or LOW
An to CPAB or Bn to CPBA
4
2.0
2.0
0.5
0.5
2.0
2.0
ns
th(H)
th(L)
Hold time, HIGH or LOW
An to CPAB or Bn to CPBA
4
0.7
0.7
–0.5
–0.5
0.7
0.7
ns
ts(H)
ts(L)
Setup time, HIGH or LOW
An to LEAB or Bn to LEBA
4
2.0
2.0
0.5
0.4
2.0
2.0
ns
th(H)
th(L)
Hold time HIGH or LOW
An to LEAB or Bn to LEBA
4
0.7
0.7
–0.4
–0.5
0.7
0.7
ns
tw
Pulse width, HIGH or LOW
CPAB or CPBA
1
3
1.9
3
ns
tw(H)
Pulse width, HIGH
LEAB or LEBA
3
3
1.2
3
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
tPHL
tPLH
VM
VM
VM
VM
tW(L)
1/fMAX
CPBA or
CPAB
An or Bn
tW(H)
SA00131
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VOL
tPLH
VOH
An or Bn
An or Bn
VM
VM
tPHL
VM
VM
SA00132
Waveform 2. Propagation Delay, Transparent Mode


Número de pieza similar - 74ABTH16501ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABTH16500CDGG PHILIPS-74ABTH16500CDGG Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
74ABTH16500CDL PHILIPS-74ABTH16500CDL Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
More results

Descripción similar - 74ABTH16501ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com