Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS820H32Q-150I Datasheet(PDF) 11 Page - GSI Technology

No. de pieza GS820H32Q-150I
Descripción Electrónicos  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS820H32Q-150I Datasheet(HTML) 11 Page - GSI Technology

Back Button GS820H32Q-150I Datasheet HTML 7Page - GSI Technology GS820H32Q-150I Datasheet HTML 8Page - GSI Technology GS820H32Q-150I Datasheet HTML 9Page - GSI Technology GS820H32Q-150I Datasheet HTML 10Page - GSI Technology GS820H32Q-150I Datasheet HTML 11Page - GSI Technology GS820H32Q-150I Datasheet HTML 12Page - GSI Technology GS820H32Q-150I Datasheet HTML 13Page - GSI Technology GS820H32Q-150I Datasheet HTML 14Page - GSI Technology GS820H32Q-150I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Rev: 1.03 2/2000
11/23
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
D
GS820H32T/Q-150/138/133/117/100/66
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted.
3. Output Load 2 for tLZ, tHZ, tOLZ and tOHZ.
4. Device is deselected as defined by the Truth Table.
AC Test Conditions
Parameter
Conditions
Input high level
2.3V
Input low level
0.2V
Input slew rate
1V/ns
Input reference level
1.25V
Output reference level
1.25V
Output load
Fig. 1& 2
DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
-1uA
1uA
ZZ Input Current
IINZZ
VDD ≥ VIN ≥ VIH
0V
≤ V
IN ≤ V
IH
-1uA
-1uA
1uA
300uA
Mode Pin Input Current
IINM
VDD ≥ VIN ≥ VIL
0V
≤ V
IN ≤ V
IL
-300uA
-1uA
1uA
1uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDD
-1uA
1uA
Output High Voltage
VOH
IOH = - 8mA, VDDQ=2.375V
1.7V
Output High Voltage
VOH
IOH = -8mA, VDDQ=3.135V
2.4V
Output Low Voltage
VOL
IOL = 8mA
0.4V
DQ
VT=1.25V
50
30pF*
DQ
2.5V
Output Load 1
Output Load 2
225
225
5pF*
* Distributed Test Jig Capacitance


Número de pieza similar - GS820H32Q-150I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS820H32A2T-138 GSI-GS820H32A2T-138 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-133 GSI-GS820H32AQ-133 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-133I GSI-GS820H32AQ-133I Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-138 GSI-GS820H32AQ-138 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-138I GSI-GS820H32AQ-138I Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
More results

Descripción similar - GS820H32Q-150I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com