Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS880E18T-80I Datasheet(PDF) 3 Page - GSI Technology

No. de pieza GS880E18T-80I
Descripción Electrónicos  512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E18T-80I Datasheet(HTML) 3 Page - GSI Technology

  GS880E18T-80I Datasheet HTML 1Page - GSI Technology GS880E18T-80I Datasheet HTML 2Page - GSI Technology GS880E18T-80I Datasheet HTML 3Page - GSI Technology GS880E18T-80I Datasheet HTML 4Page - GSI Technology GS880E18T-80I Datasheet HTML 5Page - GSI Technology GS880E18T-80I Datasheet HTML 6Page - GSI Technology GS880E18T-80I Datasheet HTML 7Page - GSI Technology GS880E18T-80I Datasheet HTML 8Page - GSI Technology GS880E18T-80I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Rev: 1.11 11/2000
3/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS880E18/32/36T-11/11.5/100/80/66
GS880E32 100-Pin TQFP Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQC4
DQC3
VSS
VDDQ
DQC2
DQC1
VDD
NC
VSS
DQD1
DQD2
VDDQ
VSS
DQD3
DQD4
DQD5
VSS
VDDQ
VDDQ
VSS
DQB4
DQB3
VSS
VDDQ
DQB2
DQB1
VSS
NC
VDD
ZZ
DQA1
DQA2
VDDQ
VSS
DQA3
DQA4
VSS
VDDQ
256K x 32
Top View
DQB5
NC
DQB7
DQB8
DQB6
DQA6
DQA5
DQA8
DQA7
NC
DQC7
DQC8
DQC6
DQD6
DQD8
DQD7
NC
DQC5
NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
FT


Número de pieza similar - GS880E18T-80I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133 GSI-GS880E18AT-133 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133I GSI-GS880E18AT-133I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150 GSI-GS880E18AT-150 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150I GSI-GS880E18AT-150I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
More results

Descripción similar - GS880E18T-80I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com