Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABTH16841ADGG Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74ABTH16841ADGG
Descripción Electrónicos  20-bit bus interface latch 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16841ADGG Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABTH16841ADGG Datasheet HTML 1Page - NXP Semiconductors 74ABTH16841ADGG Datasheet HTML 2Page - NXP Semiconductors 74ABTH16841ADGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH16841ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH16841ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH16841ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH16841ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH16841ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH16841ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16841A
74ABTH16841A
20-bit bus interface latch (3-State)
2
1998 Feb 27
853-1797 19025
FEATURES
High speed parallel latches
Live insertion/extraction permitted
Extra data width for wide address/data paths or buses carrying
parity
Power-up 3-State
74ABTH16841A incorporates bus-hold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs
Power-up reset
Ideal where high speed, light loading, or increased fan-in are
required with MOS microprocessors
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ABT16841A Bus interface latch is designed to provide extra
data width for wider data/address paths of buses carrying parity.
The 74ABT16841A consists of two sets of ten D-type latches with
3-State outputs. The flip-flops appear transparent to the data when
Latch Enable (nLE) is High. This allows asynchronous operation, as
the output transition follows the data in transition. On the nLE
High-to-Low transition, the data that meets the setup and hold time
is latched.
Data appears on the bus when the Output Enable (nOE) is Low.
When nOE is High the output is in the High-impedance state.
Two options are available, 74ABT16841A which does not have the
bus-hold feature and 74ABTH16841A which incorporates the
bus-hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nDx to nQx
CL = 50pF; VCC = 5V
3.1
2.2
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
500
µA
ICCL
Quiescent supply current
Outputs LOW; VCC = 5.5V
10
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT16841A DL
BT16841A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT16841A DGG
BT16841A DGG
SOT364-1
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH16841A DL
BH16841A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH16841A DGG
BH16841A DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
55, 54, 52, 51, 49, 48, 47, 45, 44, 43
42, 41, 40, 38, 37, 36, 34, 33, 31, 30
1D0 – 1D9
2D0 – 2D9
Data inputs
2, 3, 5, 6, 8, 9, 10, 12, 13, 14
15, 16, 17, 19, 20, 21, 23, 24, 26, 27
1Q0 – 1Q9
2Q0 – 2Q9
Data outputs
1, 28
1OE, 2OE
Output enable inputs (active-Low)
56, 29
1LE, 2LE
Latch enable inputs (active rising edge)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Número de pieza similar - 74ABTH16841ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABTH16821A PHILIPS-74ABTH16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADGG PHILIPS-74ABTH16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADL PHILIPS-74ABTH16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
More results

Descripción similar - 74ABTH16841ADGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
   2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
logo
Texas Instruments
SN74ALVCH162841 TI-SN74ALVCH162841 Datasheet
137Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI-SN74ALVCH16841 Datasheet
132Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841 TI1-SN74ALVCH162841_09 Datasheet
347Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com