Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT2244PW Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74ABT2244PW
Descripción Electrónicos  Octal buffer/line driver with 30ohm series termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2244PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT2244PW Datasheet HTML 1Page - NXP Semiconductors 74ABT2244PW Datasheet HTML 2Page - NXP Semiconductors 74ABT2244PW Datasheet HTML 3Page - NXP Semiconductors 74ABT2244PW Datasheet HTML 4Page - NXP Semiconductors 74ABT2244PW Datasheet HTML 5Page - NXP Semiconductors 74ABT2244PW Datasheet HTML 6Page - NXP Semiconductors 74ABT2244PW Datasheet HTML 7Page - NXP Semiconductors 74ABT2244PW Datasheet HTML 8Page - NXP Semiconductors 74ABT2244PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT2244
Octal buffer/line driver with 30
Ω series
termination resistors (3-State)
2
1998 Jan 16
853-1627 18867
FEATURES
Octal bus interface
3-State buffers
Live insertion/extraction permitted
Outputs include series resistance of 30Ω, making external
termination resistors unnecessary
Output capability: +5mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
Same part as 74ABT244-1
Inputs are disabled during 3-State mode
DESCRIPTION
The 74ABT2244 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed.
The 74ABT2244 device is an octal buffer that is ideal for driving bus
lines. The device features two Output Enables (1OE, 2OE), each
controlling four of the 3-State outputs.
The 74ABT2244 is designed with 30
Ω series resistance in both the
High and Low states of the output. This design reduces line noise in
applications such as memory address drivers, clock drivers and bus
receivers/transmitters.
The 74ABT2244 is the same as the 74ABT244-1. The part number
has been changed to reflect industry standards.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50pF; VCC = 5V
2.8
3.9
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT2244 N
74ABT2244 N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT2244 D
74ABT2244 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT2244 DB
74ABT2244 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT2244 PW
7ABT2244PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
1Y3
GND
2A2
1Y2
2A1
1Y1
2A0
1Y0
2OE
VCC
2A3
SA00148
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 4, 6, 8
1A0 – 1A3
Data inputs
11, 13, 15, 17
2A0 – 2A3
Data inputs
18, 16, 14, 12
1Y0 – 1Y3
Data outputs
9, 7, 5, 3
2Y0 – 2Y3
Data outputs
1, 19
1OE, 2OE
Output enables
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Número de pieza similar - 74ABT2244PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT2244CMTC FAIRCHILD-74ABT2244CMTC Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Descripción similar - 74ABT2244PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244_15 Datasheet
107Kb / 10P
   3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com