Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS882V36BD-300 Datasheet(PDF) 2 Page - GSI Technology

No. de pieza GS882V36BD-300
Descripción Electrónicos  512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS882V36BD-300 Datasheet(HTML) 2 Page - GSI Technology

  GS882V36BD-300 Datasheet HTML 1Page - GSI Technology GS882V36BD-300 Datasheet HTML 2Page - GSI Technology GS882V36BD-300 Datasheet HTML 3Page - GSI Technology GS882V36BD-300 Datasheet HTML 4Page - GSI Technology GS882V36BD-300 Datasheet HTML 5Page - GSI Technology GS882V36BD-300 Datasheet HTML 6Page - GSI Technology GS882V36BD-300 Datasheet HTML 7Page - GSI Technology GS882V36BD-300 Datasheet HTML 8Page - GSI Technology GS882V36BD-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
GS882V18/36BB/D-333/300/250/200
Rev: 1.02 3/2005
2/36
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
165 Bump BGA—x18 Commom I/O—Top View (Package D)
123456789
10
11
ANC
AE1
BB
NC
E3
BW
ADSC
ADV
A
A18
A
BNC
AE2
NC
BA
CK
GW
G
ADSP
ANC
B
CNC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
DQA
C
DNC
DQB
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQA
D
ENC
DQB
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQA
E
FNC
DQB
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQA
F
GNC
DQB
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQA
G
HFT
MCL
NC
VDD
VSS
VSS
VSS
VDD
NC
ZQ
ZZ
H
J
DQB
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
NC
J
K
DQB
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
NC
K
L
DQB
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
NC
L
M
DQB
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
NC
M
N
DQB
SCD
VDDQ
VSS
NC
NC
NC
VSS
VDDQ
NC
NC
N
PNC
NC
A
ATDI
A1
TDO
A
A
A
A17
P
RLBO
NC
A
ATMS
A0
TCK
A
A
A
AR
11 x 15 Bump BGA—13mm x 15 mm Body—1.0 mm Bump Pitch


Número de pieza similar - GS882V36BD-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-200 GSI-GS882V37AB-200 Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-200I GSI-GS882V37AB-200I Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-225 GSI-GS882V37AB-225 Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-225I GSI-GS882V37AB-225I Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
More results

Descripción similar - GS882V36BD-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS88218BB-V GSI-GS88218BB-V Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218 GSI-GS88218 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218AB GSI-GS88218AB Datasheet
1Mb / 38P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88237BB-V GSI-GS88237BB-V Datasheet
1Mb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS882V37BB GSI-GS882V37BB Datasheet
1Mb / 27P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS88237BB GSI-GS88237BB Datasheet
760Kb / 29P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com