Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS882ZV18BD-250I Datasheet(PDF) 10 Page - GSI Technology |
|
GS882ZV18BD-250I Datasheet(HTML) 10 Page - GSI Technology |
10 / 33 page GS882ZV18/36BB/D-333/300/250/200 Rev: 1.03 3/2005 10/33 © 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. NoBL is a trademark of Cypress Semiconductor Corp.. NtRAM is a trademark of Samsung Electronics Co.. ZBT is a trademark of Integrated Device Technology, Inc. Pipeline Mode Data I/O State Diagram Intermediate Intermediate Intermediate Intermediate Intermediate Intermediate High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+2) Transition ƒ Input Command Code Key Transition Intermediate State (N+1) Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Intermediate ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline Mode Data I/O State Diagram Next State State |
Número de pieza similar - GS882ZV18BD-250I |
|
Descripción similar - GS882ZV18BD-250I |