Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT273APW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74ABT273APW
Descripción Electrónicos  Octal D-type flip-flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT273APW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT273APW Datasheet HTML 3Page - NXP Semiconductors 74ABT273APW Datasheet HTML 4Page - NXP Semiconductors 74ABT273APW Datasheet HTML 5Page - NXP Semiconductors 74ABT273APW Datasheet HTML 6Page - NXP Semiconductors 74ABT273APW Datasheet HTML 7Page - NXP Semiconductors 74ABT273APW Datasheet HTML 8Page - NXP Semiconductors 74ABT273APW Datasheet HTML 9Page - NXP Semiconductors 74ABT273APW Datasheet HTML 10Page - NXP Semiconductors 74ABT273APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ABT273A
Octal D-type flip-flop
1995 Sep 06
7
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
RL
VCC
RL
7.0V
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74ABT
SA00057
SWITCH POSITION
TEST
SWITCH
All
open
Amplitude
Rep. Rate
tW
tF
3.0V
1MHz
500ns
2.5ns
tR
2.5ns


Número de pieza similar - 74ABT273APW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT273 FAIRCHILD-74ABT273 Datasheet
112Kb / 9P
   Octal D-Type Flip-Flop
74ABT273CMSA FAIRCHILD-74ABT273CMSA Datasheet
112Kb / 9P
   Octal D-Type Flip-Flop
74ABT273CMSAX FAIRCHILD-74ABT273CMSAX Datasheet
112Kb / 9P
   Octal D-Type Flip-Flop
74ABT273CMTC FAIRCHILD-74ABT273CMTC Datasheet
112Kb / 9P
   Octal D-Type Flip-Flop
74ABT273CMTCX FAIRCHILD-74ABT273CMTCX Datasheet
112Kb / 9P
   Octal D-Type Flip-Flop
More results

Descripción similar - 74ABT273APW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com