Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8320E18GT-225I Datasheet(PDF) 10 Page - GSI Technology |
|
GS8320E18GT-225I Datasheet(HTML) 10 Page - GSI Technology |
10 / 25 page GS8320E18/32/36T-250/225/200/166/150/133 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 10/2004 10/25 © 2001, GSI Technology Simplified State Diagram First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R WR X X X CR R CW CR CR Notes: 1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low. 2. The upper portion of the diagram assumes active use of only the Enable (E1) and Write (BA, BB, BC, BD, BW, and GW) control inputs, and that ADSP is tied high and ADSC is tied low. 3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs, and assumes ADSP is tied high and ADV is tied low. |
Número de pieza similar - GS8320E18GT-225I |
|
Descripción similar - GS8320E18GT-225I |