Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS8321V36GE-166I Datasheet(PDF) 11 Page - GSI Technology |
|
GS8321V36GE-166I Datasheet(HTML) 11 Page - GSI Technology |
11 / 31 page First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R W R X X X CR R CW CR CR W CW W CW Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of “Dummy Reads” (Read Cycles with G High) may be used to make the transition from read cycles to write cycles without passing through a deselect cycle. Dummy read cycles increment the address counter just like normal read cycles. 3. Transitions shown in gray tone assume G has been pulsed high long enough to turn the RAM’s drivers off and for incoming data to meet Data Input Set Up Time. GS8321V18/32/36E-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 4/2005 11/31 © 2003, GSI Technology Simplified State Diagram with G |
Número de pieza similar - GS8321V36GE-166I |
|
Descripción similar - GS8321V36GE-166I |