Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS74104AJ-8I Datasheet(PDF) 8 Page - GSI Technology |
|
GS74104AJ-8I Datasheet(HTML) 8 Page - GSI Technology |
8 / 11 page tWC Address CE WE Data In OE Data Out tAW tWP tAS tCW tWR1 tDW tDH DATA VALID HIGH IMPEDANCE GS74104ATP/J Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.06 6/2006 8/11 © 2001, GSI Technology Write Cycle 2: CE control 1 e B1 D y Q c L Detail A A B Notes: 1. Dimension D& E do not include interlead flash. 2. Dimension B1 does not include dambar protrusion/intrusion. 3. Controlling dimension: inches Symbol Dimension in inch Dimension in mm min nom max min nom max A — — 0.146 — — 3.70 A1 0.026 — — 0.66 — — A2 0.105 0.110 0.115 2.67 2.80 2.92 B 0.013 0.017 0.021 0.33 0.43 0.53 B1 0.024 0.028 0.032 0.61 0.71 0.81 c 0.006 0.008 0.012 0.15 0.20 0.30 D 0.820 0.824 0.829 20.83 20.93 21.06 E 0.395 0.400 0.405 10.04 10.16 10.28 e — 0.05 — — 1.27 — HE 0.430 0.435 0.440 10.93 11.05 11.17 GE 0.354 0.366 0.378 9.00 9.30 9.60 L 0.082 — — 2.08 — — y — — 0.004 — — 0.10 Q 0o — 10o 0o — 10o 32-Pin SOJ, 400 mil |
Número de pieza similar - GS74104AJ-8I |
|
Descripción similar - GS74104AJ-8I |