Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ABT620PW Datasheet(PDF) 3 Page - NXP Semiconductors |
|
74ABT620PW Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 11 page Philips Semiconductors Product specification 74ABT620 Octal transceiver with dual enable, inverting (3-State) 1993 Jun 21 3 LOGIC SYMBOL OEAB A0 A1 A2 A3 A4 A5 A6 A7 B0 B1 B2 B3 B4 B5 B6 B7 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 OEBA 19 SA00190 FUNCTION TABLE INPUTS INPUTS/OUTPUTS OEBA OEAB An Bn L L Bn Inputs H H Inputs An H L ZZ L H Bn Inputs or Inputs An H = High voltage level L = Low voltage level Z = High impedance ”off” state LOGIC SYMBOL (IEEE/IEC) 1 19 2 3 4 5 6 7 8 9 EN1 EN1 18 17 16 15 14 13 12 11 1 2 SA00191 ABSOLUTE MAXIMUM RATINGS1, 2 SYMBOL PARAMETER CONDITIONS RATING UNIT VCC DC supply voltage –0.5 to +7.0 V IIK DC input diode current VI < 0 –18 mA VI DC input voltage3 –1.2 to +7.0 V IOK DC output diode current VO < 0 –50 mA VOUT DC output voltage3 output in Off or High state –0.5 to +5.5 V IOUT DC output current output in Low state 128 mA Tstg Storage temperature range –65 to 150 °C NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 °C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. |
Número de pieza similar - 74ABT620PW |
|
Descripción similar - 74ABT620PW |