Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT652A Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74ABT652A
Descripción Electrónicos  Octal transceiver/register, non-inverting 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT652A Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABT652A Datasheet HTML 1Page - NXP Semiconductors 74ABT652A Datasheet HTML 2Page - NXP Semiconductors 74ABT652A Datasheet HTML 3Page - NXP Semiconductors 74ABT652A Datasheet HTML 4Page - NXP Semiconductors 74ABT652A Datasheet HTML 5Page - NXP Semiconductors 74ABT652A Datasheet HTML 6Page - NXP Semiconductors 74ABT652A Datasheet HTML 7Page - NXP Semiconductors 74ABT652A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
74ABT652A
Octal transceiver/register, non-inverting (3-State)
1
1995 Apr 19
853-1614 15144
FEATURES
Independent registers for A and B buses
Multiplexed real-time and stored data
3-State outputs
Live insertion/extraction permitted
Power-up 3-State
Power-up reset
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ABT652A high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT652A transceiver/register consists of bus transceiver
circuits with 3-State outputs, D-type flip-flops, and control circuitry
arranged for multiplexed transmission of data directly from the input
bus or the internal registers. Data on the A or B bus will be clocked
into the registers as the appropriate clock pin goes High. Output
Enable (OEAB, OEBA) and Select (SAB, SBA) pins are provided for
bus management.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CPBA to An or CPAB to Bn
CL = 50pF; VCC = 5V
3.7
4.3
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
Outputs disabled;
VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
110
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
24-pin plastic DIP
–40
°C to +85°C
74ABT652AN
SOT222-1
24-pin plastic SOL
–40
°C to +85°C
74ABT652AD
SOT137-1
24-pin plastic SSOP Type II
–40
°C to +85°C
74ABT652ADB
SOT340-1
24-pin plastic TSSOP Type I
–40
°C to +85°C
74ABT652APW
SOT355-1
PIN CONFIGURATION
SA00094
CPAB
SAB
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
1
2
3
4
5
6
7
8
9
10
11
12
VCC
CPBA
SBA
OEBA
B0
B1
B2
B3
B4
B5
B6
B7
13
14
15
16
17
18
19
20
21
22
23
24
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1, 23
CPAB /
CPBA
A to B clock input / B to A clock input
2, 22
SAB /
SBA
A to B select input / B to A select
input
3, 21
OEAB /
OEBA
A to B Output Enable input /
B to A Output Enable input
(active–Low)
4, 5, 6, 7,
8, 9, 10, 11
A0 – A7
Data inputs/outputs (A side)
20, 19, 18, 17,
16, 15, 14, 13
B0 – B7
Data inputs/outputs (B side)
12
GND
Ground (0V)
24
VCC
Positive supply voltage


Número de pieza similar - 74ABT652A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652AD NXP-74ABT652AD Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652ADB NXP-74ABT652ADB Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652APW NXP-74ABT652APW Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
More results

Descripción similar - 74ABT652A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com