Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H02N60SI Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

No. de pieza H02N60SI
Descripción Electrónicos  N-Channel Power Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HSMC [Hi-Sincerity Mocroelectronics]
Página de inicio  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H02N60SI Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H02N60SI Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H02N60SI Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H02N60SI Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H02N60SI Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H02N60SI Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H02N60SI Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200504
Issued Date : 2005.05.01
Revised Date : 2005.09.28
Page No. : 3/6
H02N60SI, H02N60SJ, H02N60SE, H02N60SF
HSMC Product Specification
TO-252 Dimension
M
N
A
a2
a5
L
C
3
2
1
a1
G
H
F
a1
A
B
C
D
a1
E
J
K
a2
a2
L
F
G
H
I
y2
y2
a1
M
y1
a1
O
N
y1
y1
3-Lead TO-252 Plastic
Surface Mount Package
HSMC Package Code: J
Marking:
Control Code
Date Code
HJ
02
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
N6 0 S
Note: Green label is used for pb-free packing
Pin Style: 1.Gate 2.Drain 3.Source
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
DIM
Min.
Max.
A
6.35
6.80
C
4.80
5.50
F
1.30
1.70
G
5.40
6.25
H
2.20
3.00
L
0.40
0.90
M
2.20
2.40
N
0.90
1.50
a1
0.40
0.65
a2
-
*2.30
a5
0.65
1.05
*: Typical, Unit: mm
Marking:
HJ
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Control Code
Date Code
02 N 6 0 S
Note: Green label is used for pb-free packing
Pin Style: 1.Gate 2.Drain 3.Source
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-252 Plastic
Surface Mount Package
HSMC Package Code: J
DIM
Min.
Max.
A
6.40
6.80
B
-
6.00
C
5.04
5.64
D-
*4.34
E
0.40
0.80
F
0.50
0.90
G
5.90
6.30
H
2.50
2.90
I
9.20
9.80
J
0.60
1.00
K
-
0.96
L
0.66
0.86
M
2.20
2.40
N
0.70
1.10
O
0.82
1.22
a1
0.40
0.60
a2
2.10
2.50
y1
-
5o
y2
-
3o
*: Typical, Unit: mm


Número de pieza similar - H02N60SI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60E HSMC-H02N60E Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60F HSMC-H02N60F Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60I HSMC-H02N60I Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60J HSMC-H02N60J Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
More results

Descripción similar - H02N60SI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com