Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H05N50 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

No. de pieza H05N50
Descripción Electrónicos  N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HSMC [Hi-Sincerity Mocroelectronics]
Página de inicio  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H05N50 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H05N50 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H05N50 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H05N50 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H05N50 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200601
Issued Date : 2006.02.01
Revised Date : 2006.02.20
Page No. : 1/4
H05N50E, H05N50F
HSMC Product Specification
H05N50 Series
N-CHANNEL POWER MOSFET
Description
This N - Channel MOSFETs provide the designer with the best
combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
Features
• Dynamic dv/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
Thermal Characteristics
Symbol
Parameter
Value
Units
TO-220AB
1.71
R
θ
JC
Thermal Resistance
Junction to Case Max.
TO-220FP
3.3
°C/W
R
θ
JA
Thermal Resistance
Junction to Ambient Max.
62
°C/W
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
500
V
I
D
Drain to Current (Continuous)
5
A
I
DM
Drain to Current (Pulsed) (*1)
20
A
V
GS
Gate-to-Source Voltage (Continue)
±30
V
Total Power Dissipation
TO-220AB
TO-220FP
80
38
W
P
D
Derate above 25
°C
TO-220AB
TO-220FP
0.59
0.3
W/
°C
E
AS
Single Pulse Avalanche Energy (*2)
300
mJ
I
AR
Avalanche Current (*1)
5
A
E
AR
Repetitive Avalanche Energy (*1)
7.4
mJ
d
v/dt
Peak Diode Recovery (*3)
5
V/ns
T
j
Operating Temperature Range
-55 to 150
°C
T
stg
Storage Temperature Range
-55 to 150
°C
T
L
Maximum Lead Temperature for Soldering Purposes, 1/8” from
case for 10 seconds
300
°C
*1: Repetitive rating; pulse width limited by max. junction temperature
*2: VDD=50V, starting Tj=25°C, L=24mH, RG=25Ω, IAS=4.5A
*3: ISD≤4.5A, di/dt≤75A/us, VDD≤V(BR)DSS, TJ≤150°C
H05N50 Series Pin Assignment
1
2
3
1
2
3
Tab
3-Lead Plastic TO-220FP
Package Code: F
Pin 1: Gate
Pin 2: Drain
Pin 3: Source
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
G
D
S
H05N50 Series Symbol


Número de pieza similar - H05N50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H05N60E HSMC-H05N60E Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H05N60F HSMC-H05N60F Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
logo
Qualtek Electronics Cor...
H05NND3H2U3G100 QUALTEK-H05NND3H2U3G100 Datasheet
341Kb / 1P
   International Power Cords
H05NND3HU3G100 QUALTEK-H05NND3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
More results

Descripción similar - H05N50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com