Nombre de pieza
         Descripción
H78LXX

 3-TERMINAL POSITIVE VOLTAGE REGULATORS ( 10 Page)


HSMC
100% 
Zoom Out Zoom In
 
 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200403
Issued Date : 2004.03.01
Revised Date : 2004.08.31
Page No. : 6/10
H78LXXAM / BM, H78LXXAA / BA
HSMC Product Specification
H78L12XX Electrical Characteristics
V
IN=19V, IOUT=40mA, CIN=0.33uF, COUT=0.1uF, 0°C≤Tj≤125°C (unless otherwise specified)
H78L12AM/AA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
j=25°C
11.64
12
12.36
1mA
≤I
OUT≤70mA
V
O
Output Voltage
14.5V
≤V
IN≤27V, 1mA≤IOUT≤40mA
11.64
12
12.36
V
T
j=25°C, 14.5V≤VIN≤27V
-
120
250
Reg
line
Line Regulation
T
j=25°C, 16V≤VIN≤27V
-
100
200
mV
T
j=25°C, 1mA≤IOUT≤100mA
-
20
100
Reg
load
Load Regulation
T
j=25°C, 1mA≤IOUT≤40mA
-10
50
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
6
mA
16V
≤V
IN≤27V, Tj=25
oC
--
1.5
∆I
B
Quiescent Current
Change
1mA
≤I
OUT≤40mA, Tj=25
oC
--
0.1
mA
V
N
Output Noise Voltage
10Hz
≤f≤100KHz, T
j=25°C
-80
-
uVrms
RR
Ripple Rejection
15V
≤V
IN≤25V, f=120Hz, Tj=25
oC
36
41
-
dB
V
D
Dropout Voltage
T
j=25°C, IOUT=100mA
-1.7
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
T
j=25°C
-1.5
2
A
T
CVO
Average Temperature
Coefficient of Output
Voltage
I
OUT=5mA
-
-
1.4
mV/
°C
H78L12BM/BA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
j=25°C
11.4
12
12.6
1mA
≤I
OUT≤70mA
V
O
Output Voltage
14.5V
≤V
IN≤27V, 1mA≤IOUT≤40mA
11.4
12
12.6
V
T
j=25°C, 14.5V≤VIN≤27V
-
120
250
Reg
line
Line Regulation
T
j=25°C, 16V≤VIN≤27V
-
100
200
mV
T
j=25°C, 1mA≤IOUT≤100mA
-
20
100
Reg
load
Load Regulation
T
j=25°C, 1mA≤IOUT≤40mA
-10
50
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
6
mA
16V
≤V
IN≤27V, Tj=25
oC
--
1.5
∆I
B
Quiescent Current
Change
1mA
≤I
OUT≤40mA, Tj=25
oC
--
0.1
mA
V
N
Output Noise Voltage
10Hz
≤f≤100KHz, T
j=25°C
-80
-
uVrms
RR
Ripple Rejection
15V
≤V
IN≤25V, f=120Hz, Tj=25
oC
36
41
-
dB
V
D
Dropout Voltage
T
j=25°C, IOUT=100mA
-1.7
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
T
j=25°C
-1.5
2
A
T
CVO
Average Temperature
Coefficient of Output
Voltage
I
OUT=5mA
-
-
1.4
mV/
°C
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM78MXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
UTC78LXX3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl