Nombre de pieza
         Descripción
H78LXX

 3-TERMINAL POSITIVE VOLTAGE REGULATORS ( 10 Page)


HSMC
100% 
Zoom Out Zoom In
 
 1 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200403
Issued Date : 2004.03.01
Revised Date : 2004.08.31
Page No. : 1/10
H78LXXAM / BM, H78LXXAA / BA
HSMC Product Specification
H78LXXAM / BM
H78LXXAA / BA
3-TERMINAL POSITIVE VOLTAGE REGULATORS
Description
These regulators employ internal current-limiting and thermal-shutdown,
making them essentially indestructible. They can deliver up to 100mA
output current.
Features
• Maximum Output Current of 100mA (Tc=25°C)
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• TO-92 & SOT-89 Package
Absolute Maximum Ratings
(Ta=25
°C, Unles Otherwise Specified)
Characteristic
Symbol
Rating
Unit
Input Voltage
V
IN
40
V
TO-92
700
mW
Power Dissipation
P
D
SOT-89
500
mW
Operating Temperature
T
opr
-30 to 85
oC
Storage Temperature
T
stg
-55 to 150
oC
Junction Temperature
T
j
150
oC
Thermal Resistance
R
th(j-a)
208
oC/W
Schematic Diagram & Equivalent Circuit
H78LXX Series Pin Assignment
Typical Application
Schematic Diagram
Equivalent Circuit
VOUT
VIN
3-Lead Plastic TO-92
Package Code: A
Pin 1: VOUT
Pin 2: GND
Pin 3: VIN
1 2
3
3-Lead Plastic SOT-89
Package Code: M
Pin 1: VOUT
Pin 2: GND
Pin 3: VIN
1
2
3
Note 1: C
IN is required if regulator is
located an appreciable distance from
power supply filter.
Note 2: C
OUT is not needed for stability;
however, it does improve transient
response. Values of less than 0.1uF could
cause instability.
1
3
2
H78LXX
Series
VOUT
VIN
CIN
0.33uF
(Note 1)
COUT
0.1uF
(Note 2)
3
1
2
Starting
Circuit
Reference
Voltage
Current
Generator
Error
Amplifier
SOA
Protection
Thermal
Protection
Series
Pass
Element
Output
GND
Input
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM78MXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
UTC78LXX3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl