Nombre de pieza
         Descripción
H78XX

 3-TERMINAL POSITIVE VOLTAGE REGULATORS ( 12 Page)


HSMC
100% 
Zoom Out Zoom In
 
 1 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200405
Issued Date : 2004.04.01
Revised Date : 2006.01.19
Page No. : 1/12
H78XXAJ / BJ, H78XXAI / BI, H78XXANE / BNE, H78XXAE / BE
HSMC Product Specification
H78XX Series
3-TERMINAL POSITIVE VOLTAGE REGULATORS
Description
The H78XX series can provide local on-card regulation, eliminating the
distribution problems associated with single point regulation. Each
employs internal current limiting, thermal shut-down and safe operating
area protection, making it essentially indestructible. If adequate heat
sinking is provided, they can deliver over 1A output current. Although
designed primarily as fixed voltage regulators, these devices can be used
with external components to obtain adjustable voltages and currents.
Features
• Output Current In Excess of 1A
• Output Voltages of 5V, 6V, 8V, 9V, 12V
• Internal Short-Circuit Current Limiting & Thermal Overload Protection
• Guaranteed In Extended Temperature Range
Absolute Maximum Ratings (T
A=25°C)
Characteristic
Symbol
Rating
Unit
Input Voltage
V
IN
40
V
Power Dissipation
P
D
Internally limited
(Note)
Operating Temperature
T
opr
-30 to 85
oC
Storage Temperature
T
stg
-55 to 150
oC
Junction Temperature
T
j
150
oC
Note: (1)TA=25
oC, TO-251: 1W, TO-252: 1W, SOT-82: 2.1W, TO-220AB: 2.7W
(2)TC=25
oC, All package: 10W
Thermal Data
Characteristic
Symbol
TO-252
TO-251
SOT-82
TO-220AB
Unit
Thermal Resistance Junction-Case
R
th(j-c)
12.5
12.5
12.5
12.5
oC/W
Thermal Resistance Junction-Ambient
R
th(j-a)
125
125
60
47
oC/W
Schematic Diagram & Equivalent Circuit
H78XX Series Pin Assignment
Schematic Diagram
Equivalent Circuit
1
2
3
Tab
1
2
3
1
3
2
Starting
Circuit
Reference
Voltage
Current
Generator
Error
Amplifier
SOA
Protection
Thermal
Protection
Series
Pass
Element
Output
GND
Input
1
2
3
Tab
3-Lead Plastic TO-251
Package Code: I
Pin 1: VIN
Pin 2 & Tab: GND
Pin 3: VOUT
3-Lead Plastic TO-252
Package Code: J
Pin 1: VIN
Pin 2 & Tab: GND
Pin 3: VOUT
1
2
3
Tab
3-Lead Plastic SOT-82
Package Code: NE
Pin 1: VIN
Pin 2: GND
Pin 3: VOUT
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: VIN
Pin 2 & Tab: GND
Pin 3: VOUT
VOUT
VIN
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM78MXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
UTC78LXX3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl