Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT833DB Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74ABT833DB
Descripción Electrónicos  Octal transceiver with parity generator/checker 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT833DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT833DB Datasheet HTML 3Page - NXP Semiconductors 74ABT833DB Datasheet HTML 4Page - NXP Semiconductors 74ABT833DB Datasheet HTML 5Page - NXP Semiconductors 74ABT833DB Datasheet HTML 6Page - NXP Semiconductors 74ABT833DB Datasheet HTML 7Page - NXP Semiconductors 74ABT833DB Datasheet HTML 8Page - NXP Semiconductors 74ABT833DB Datasheet HTML 9Page - NXP Semiconductors 74ABT833DB Datasheet HTML 10Page - NXP Semiconductors 74ABT833DB Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
74ABT833
Octal transceiver with parity generator/checker
(3-State)
1993 Jun 21
7
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
INPUT
VM
tPHL
tPLH
VM
VM
VM
OUTPUT
SA00216
Waveform 1. Propagation Delay For Inverting Output
OEA, OEB
VM
tPZH
tPHZ
0V
VOH –0.3V
VM
VM
OUTPUT
SA00238
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
CLEAR
VM
ERROR
tw(L)
VM
tPLH
VM
tREC
CP
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
SA00240
Waveform 5. CLEAR Pulse Width, CLEAR to ERROR Delay and
CLEAR to Clock Recovery Time
VM
tPLH
tPHL
VM
VM
VM
INPUT
OUTPUT
SA00217
Waveform 2. Propagation Delay For Non-Inverting Output
tPZL
tPLZ
0V
VOL +0.3V
VM
VM
VM
OEA, OEB
OUTPUT
SA00239
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
VM
Bn,
PARITY
VM
VM
VM
VM
VM
CP
ts(H)
th(H)
ts(L)
th(L)
VM
tw(H)
tw(L)
SA00205
Waveform 6. Data Setup and Hold Times and Clock Pulse Width


Número de pieza similar - 74ABT833DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
74ABT834D PHILIPS-74ABT834D Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
74ABT834N PHILIPS-74ABT834N Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
More results

Descripción similar - 74ABT833DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com