Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9124 Datasheet(PDF) 11 Page - Vishay Siliconix

No. de pieza SI9124
Descripción Electrónicos  500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9124 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI9124 Datasheet HTML 7Page - Vishay Siliconix SI9124 Datasheet HTML 8Page - Vishay Siliconix SI9124 Datasheet HTML 9Page - Vishay Siliconix SI9124 Datasheet HTML 10Page - Vishay Siliconix SI9124 Datasheet HTML 11Page - Vishay Siliconix SI9124 Datasheet HTML 12Page - Vishay Siliconix SI9124 Datasheet HTML 13Page - Vishay Siliconix SI9124 Datasheet HTML 14Page - Vishay Siliconix SI9124 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Si9124
Vishay Siliconix
New Product
Document Number: 72099
S-03638—Rev. B, 20-Mar-03
www.vishay.com
11
Hiccup Operation
Current limiting is achieved by monitoring the differential
voltage between CS1 and CS2 pins which are connected
across a primary sense resistor. Once the differential voltage
exceeds the 150-mV trigger point, Hiccup operation is started.
The soft-start voltage on the SS pin is pulled to ground and
switching stops until the SS pin charges up to 2 Vbe whereupon
a duty cycle limited soft start is initiated. The upper and lower
switching points of the current limit have 50 mV of hysteresis.
VINEXT Voltage Monitor – VINDET
The Si9124 provides a means of sensing the voltage on
VINEXT to control the operating mode and provides the
feed-forward control voltage to the PWM controller. This is
achieved by choosing an appropriate resistive tap between
VINEXT and ground.
When the VINDET voltage is greater than 720 mV but less than
VREF and VCC is greater than VUVLO, all internal circuitry is
enabled, but switching is stopped.
VINDET also provides the input to the voltage feed-forward
function by adjusting the amplitude of the PWM ramp to the
PWM comparator.
Shutdown Mode
If VINDET pin is forced below 470 mV the device will enter
SHUTDOWN mode. This powers down all unnecessary
functions of the controller, ensures that the primary switches
are off and results in a low level current demand of 150
mA from
the VINEXT or VCC supplies.
TYPICAL CHARACTERISTICS
7.5
8.0
8.5
9.0
9.5
10.0
- 50
- 25
0
25
50
75
100
125
150
7.90
7.95
8.00
8.05
8.10
8.15
8.20
- 50
- 25
0
25
50
75
100
125
150
VREG vs. Temperature, VIN = 48 V
Temperature (
_C)
VINDET u VREF
TC = - 11 mV/C
VSS vs. Temperature, VCC = 12 V
Temperature (
_C)
TC = +1.25 mV/C
VINDET u VREF
15
17
19
21
23
25
- 50
- 25
0
25
50
75
100
125
ISS1 vs. VCC vs. Temperature
Temperature (
_C)
VCC = 13 V
80
90
100
110
120
130
140
- 50
- 25
0
25
50
75
100
125
ISS2 vs. VCC vs. Temperature
Temperature (
_C)
VCC = 10 V
VCC = 12 V
VCC = 13 V
VCC = 10 V
VCC = 12 V


Número de pieza similar - SI9124

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9120 VISHAY-SI9120 Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
SI9120 VISHAY-SI9120 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
SI9120DJ VISHAY-SI9120DJ Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
SI9120DJ-E3 VISHAY-SI9120DJ-E3 Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
SI9120DY VISHAY-SI9120DY Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
More results

Descripción similar - SI9124

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9123 VISHAY-SI9123 Datasheet
181Kb / 16P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
SI9122 VISHAY-SI9122 Datasheet
218Kb / 17P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
Rev. F, 18-Oct-04
SI9122E VISHAY-SI9122E_V01 Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A_08 Datasheet
352Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 14-Jan-08
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122 VISHAY-SI9122_V01 Datasheet
322Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122_08 Datasheet
330Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. J, 14-Jan-08
SI9122E VISHAY-SI9122E Datasheet
376Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 21-Jan-08
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com