Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT595PW Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74AHCT595PW
Descripción Electrónicos  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT595PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT595PW Datasheet HTML 4Page - NXP Semiconductors 74AHCT595PW Datasheet HTML 5Page - NXP Semiconductors 74AHCT595PW Datasheet HTML 6Page - NXP Semiconductors 74AHCT595PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT595PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT595PW Datasheet HTML 9Page - NXP Semiconductors 74AHCT595PW Datasheet HTML 10Page - NXP Semiconductors 74AHCT595PW Datasheet HTML 11Page - NXP Semiconductors 74AHCT595PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2000 Mar 15
8
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift
register with output latches; 3-state
74AHC595; 74AHCT595
DC CHARACTERISTICS
74AHC family
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX. MIN. MAX.
VIH
HIGH-level input
voltage
2.0
1.5
−−
1.5
1.5
V
3.0
2.1
−−
2.1
2.1
V
5.5
3.85
−−
3.85
3.85
V
VIL
LOW-level input
voltage
2.0
−−
0.5
0.5
0.5
V
3.0
−−
0.9
0.9
0.9
V
5.5
−−
1.65
1.65
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −50 µA
2.0
1.9
2.0
1.9
1.9
V
3.0
2.9
3.0
2.9
2.9
V
4.5
4.4
4.5
4.4
4.4
V
VI =VIH or VIL;
IO = −4.0 mA
3.0
2.58
−−
2.48
2.40
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =50 µA
2.0
0
0.1
0.1
0.1
V
3.0
0
0.1
0.1
0.1
V
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 4.0 mA
3.0
−−
0.36
0.44
0.55
V
VI =VIH or VIL;
IO = 8.0 mA
4.5
−−
0.36
0.44
0.55
V
II
input leakage
current
VI =VCC or GND
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO =VCC or GND
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
4.0
40
80
µA
CI
input capacitance
−−
310
10
10
pF


Número de pieza similar - 74AHCT595PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHCT595PW NXP-74AHCT595PW Datasheet
127Kb / 21P
   NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
logo
Nexperia B.V. All right...
74AHCT595PW NEXPERIA-74AHCT595PW Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHCT595PW-Q100 NEXPERIA-74AHCT595PW-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

Descripción similar - 74AHCT595PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com