Nombre de pieza
         Descripción
74ALS04B

 Hex inverter ( 8 Page)


PHILIPS
100% 
Zoom Out Zoom In
   
 6 page
background image
Philips Semiconductors
Product specification
74ALS04B
Hex inverter
1991 Feb 08
6
SO14:
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SN54LS05HEX INVERTER 1 2 3 4 Motorola, Inc
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor
MC74HC14AHex Schmitt-Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
74AHCU04Hex inverter 1 2 3 4 5 MoreNXP Semiconductors
74LVT043.3V Hex inverter 1 2 3 4 5 MoreNXP Semiconductors
74LVQ04HEX INVERTER 1 2 3 4 5 MoreSTMicroelectronics
HCC4502BSTROBED HEX INVERTER/BUFFER 1 2 3 4 5 MoreSTMicroelectronics
CDC204HEX INVERTER/CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments
74AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
74LVX04Low Voltage Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor