Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALS112AD Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74ALS112AD
Descripción Electrónicos  Dual J-K negative edge-triggered flip-flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS112AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALS112AD Datasheet HTML 2Page - NXP Semiconductors 74ALS112AD Datasheet HTML 3Page - NXP Semiconductors 74ALS112AD Datasheet HTML 4Page - NXP Semiconductors 74ALS112AD Datasheet HTML 5Page - NXP Semiconductors 74ALS112AD Datasheet HTML 6Page - NXP Semiconductors 74ALS112AD Datasheet HTML 7Page - NXP Semiconductors 74ALS112AD Datasheet HTML 8Page - NXP Semiconductors 74ALS112AD Datasheet HTML 9Page - NXP Semiconductors 74ALS112AD Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ALS112A
Dual J-K negative edge-triggered flip-flop
1996 Jun 27
6
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The sahded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
CPn
VM
VM
VM
VM
VM
VM
tsu(H)
th(H)
Jn, Kn
Qn
VM
tw(L)
1/fmax
tsu(L)
th(L)
VM
VM
tPLH
Qn
tw(H)
tPHL
tPHL
tPLH
SC00136
Waveform 1.
Propagation Delay for Data to Output, Data Setup Time and Hold Times, Clock Pulse Width, and Maximum Clock
Frequency
VM
CPn
Qn
VM
VM
Qn
tPHL
tPLH
SDn
VM
VM
tw(L)
SC00049
Jn, Kn
tREC
Waveform 2.
Propagation Delay for Set to Output,
Set Pulse Width, and Recovery Time for Set to Clock
VM
CPn
Qn
VM
VM
Qn
tPLH
tPHL
RDn
VM
VM
tw(L)
SC00050
Jn, Kn
tREC
Waveform 3.
Propagation Delay for Reset to Output,
Reset Pulse Width, and Recovery Time for Reset to Clock


Número de pieza similar - 74ALS112AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
74ALS11AD PHILIPS-74ALS11AD Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
74ALS11AN PHILIPS-74ALS11AN Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
More results

Descripción similar - 74ALS112AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74F112NSR TI1-SN74F112NSR Datasheet
627Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
logo
NXP Semiconductors
74F112 PHILIPS-74F112 Datasheet
83Kb / 10P
   Dual J-K negative edge-triggered flip-flop
1990 Feb 09
logo
Mitsubishi Electric Sem...
M74LS73AP MITSUBISHI-M74LS73AP Datasheet
220Kb / 4P
   DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH RESET
logo
Texas Instruments
CD54AC112 TI1-CD54AC112_14 Datasheet
903Kb / 15P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS
logo
Fairchild Semiconductor
DM74ALS109A FAIRCHILD-DM74ALS109A Datasheet
55Kb / 6P
   Dual J-K Positive-Edge-Triggered Flip-Flop
logo
Texas Instruments
SN54LS112A TI1-SN54LS112A_15 Datasheet
1Mb / 20P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE TRIGGERED FLIP-FLOPS
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74F112 TI-SN74F112 Datasheet
73Kb / 5P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI-SN74LVC112A Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com