Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ALS11AN Datasheet(PDF) 3 Page - NXP Semiconductors |
|
74ALS11AN Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 7 page Philips Semiconductors Product specification 74ALS11A Triple 3-input AND gate 1991 Feb 08 3 ABSOLUTE MAXIMUM RATINGS (Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL PARAMETER RATING UNIT VCC Supply voltage –0.5 to +7.0 V VIN Input voltage –0.5 to +7.0 V IIN Input current –30 to +5 mA VOUT Voltage applied to output in High output state –0.5 to VCC V IOUT Current applied to output in Low output state 16 mA Tamb Operating free-air temperature range 0 to +70 °C Tstg Storage temperature range –65 to +150 °C RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER LIMITS UNIT SYMBOL PARAMETER MIN NOM MAX UNIT VCC Supply voltage 4.5 5.0 5.5 V VIH High-level input voltage 2.0 V VIL Low-level input voltage 0.8 V IIk Input clamp current –18 mA IOH High-level output current –0.4 mA IOL Low-level output current 8 mA Tamb Operating free-air temperature range 0 +70 °C DC ELECTRICAL CHARACTERISTICS (Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL PARAMETER TEST CONDITIONS1 LIMITS UNIT SYMBOL PARAMETER TEST CONDITIONS1 MIN TYP2 MAX UNIT VOH High-level output voltage VCC±10%, VIL = MAX, VIH = MIN, IOH = –0.4mA VCC – 2 V VO Low level output voltage VCC = MIN, VIL = MAX, IOL = 4mA 0.25 0.40 V VOL Low-level output voltage CC , IL , VIH = MIN IOL = 8mA 0.35 0.50 V VIK Input clamp voltage VCC = MIN, II = IIK -0.73 -1.5 V II Input current at maximum input voltage VCC = MAX, VI = 7.0V 0.1 mA IIH High-level input current VCC = MAX, VI = 2.7V 20 µA IIL Low-level input current VCC = MAX, VI = 0.5V -0.1 mA IO Output current3 VCC = MAX, VO = 2.25V -30 -112 mA ICC Supply current (total) ICCH VCC = MAX VI = 4.5V 1.0 1.8 mA ICC Supply current (total) ICCL VCC = MAX VI = 0V 2.0 3.0 mA NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25°C. 3. The output conditions have been chosen to produce a current that closely approximate one half of the true short-circuit output current, IOS. |
Número de pieza similar - 74ALS11AN |
|
Descripción similar - 74ALS11AN |